Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3003 Datasheet(PDF) 31 Page - Abbatron All Rights Reserved

Part # 3003
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

3003 Datasheet(HTML) 31 Page - Abbatron All Rights Reserved

Back Button 3003 Datasheet HTML 27Page - Abbatron All Rights Reserved 3003 Datasheet HTML 28Page - Abbatron All Rights Reserved 3003 Datasheet HTML 29Page - Abbatron All Rights Reserved 3003 Datasheet HTML 30Page - Abbatron All Rights Reserved 3003 Datasheet HTML 31Page - Abbatron All Rights Reserved 3003 Datasheet HTML 32Page - Abbatron All Rights Reserved 3003 Datasheet HTML 33Page - Abbatron All Rights Reserved 3003 Datasheet HTML 34Page - Abbatron All Rights Reserved 3003 Datasheet HTML 35Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
Terminal Strips
MNTG.
CTRS.
A
B
3002
2
1
.67
3003
3
1-5/16
.99
3004
4
1-5/8
1.30
3005
5
1-15/16
1.61
3006
6
2-1/4
1.92
3007
7
2-9/16
2.24
3008
8
2-7/8
2.55
3009
9
3-3/16
2.86
3010
10
3-1/2
3.17
3011
11
3-13/16
3.49
3012
12
4-1/8
3.80
3013
13
4-7/16
4.11
PART NO.
NO. TERMINALS
LENGTH
All lugs are electro-tin plated steel.
Strip material: flame retardant phenolic, .062” thk.
Lug spacing: 3/8” standard, 1/4” miniature.
Strip width: 3/8” standard, 5/16” miniature.
Mounting hole: .140” ID Standard, .096” ID mini. mounting
Screw: #6 standard, #3 or 3/32” rivet Mini.
PART
QTY.
DIM
DIM.
NO.
LUGS
A
B
914
1
1.25
.87
872
2
1.69
1.31
873
3
2.12
1.75
874
4
2.56
2.19
875
5
3.00
2.62
876
6
3.44
3.06
877
7
3.87
3.5
928
8
4.31
3.94
929
9
4.75
4.37
930
10
5.19
4.82
Strip material: flame retardant phenolic.
Lugs: steel, electro-tin plated, 5/16” centers.
Mounting holes for #6 screws, electro-tin plated base.
Boards are 1/16” thick laminated phenolic.
Terminals are 1/32” brass or steel, bright tin plated.
Screws are steel, zinc or bright tin plated.
Hardware, alternative dimensions, materials or finishes are
available upon request.
29
A
B
C
D
E
F
G
H
J
Q
R S
T
K
L
M
N O P
Y
Z AA
U
V W
X
EE
FF
GG
BB
CC
DD
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Page 29: Terminal strips
TerminalStrips-revised 12-28-2006.xls
TERMINAL STRIPS
STANDARD MINIATURE
PART NO.
PART NO.
Insulated Grounded
861
A
1
-
862
1062
B
1
1
1
813
C
1
-
820
1004
D
1
1
849
E
1
-
828
F
1
-
821
G
1
-
830
1055
H
2
1
829
J
2
-
864
1064
K
2
-
863
L
2
1
846
M
2
-
850
1074
N
3
-
857
O
3
1
867
P
2
-
853
Q
3
-
868
1068
R
3
1
847
1071
S
3
-
865
T
3
-
866
1066
U
4
1
855
V
4
-
869
W
4
-
854
1076
X
4
1
879
1158
Y
7
-
859
1156
Z
5
-
871
AA
5
1
860
1060
BB
5
-
848
CC
6
-
900
1075
DD
6
1
858
EE
6
-
870
1070
FF
6
-
901
-
GG
6
1
FIG.
No. of Terminals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com