Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS715 Datasheet(PDF) 3 Page - Synology Inc.

Part # DS715
Description  DiskStation DS715
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNOLOGY [Synology Inc.]
Direct Link  https://www.synology.com/ko-kr
Logo SYNOLOGY - Synology Inc.

DS715 Datasheet(HTML) 3 Page - Synology Inc.

  DS715 Datasheet HTML 1Page - Synology Inc. DS715 Datasheet HTML 2Page - Synology Inc. DS715 Datasheet HTML 3Page - Synology Inc. DS715 Datasheet HTML 4Page - Synology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Hardware
CPU
Annapurna Labs Alpine AL-314 Quad Core 1.4GHz
Hardware encryption engine
Yes
Floating point unit
Yes
RAM size
DDR3 2GB
Compatible drive type
3.5”/2.5” SATA III/II x 2 (hard drives not included)
Maximum internal raw capacity
16 TB (8 TB HDD x 2) (The actual capacity will differ according to volume types)
Hot swappable drive
Yes
External ports
USB 3.0 ports x 2, eSATA x 1
Size (HxWxD)
157 x 103.5 x 232 (mm)
Weight
1.69 kg
LAN
Gigabit x 2
Wake on LAN/WAN
Yes
Wireless support
Yes (wireless dongles not included)
AC input power voltage
100V to 240V
Power frequency
50Hz to 60Hz, Single Phase
Operating temperature
5 °C to 35 °C (40 °F to 95 °F)
Storage temperature
-20 °C to 60 °C (-5 °F to 140 °F)
Relative humidity
5% to 95% RH
General
Networking protocols
CIFS, AFP, NFS, FTP, WebDAV, CalDAV, iSCSI, Telnet, SSH, SNMP, VPN (PPTP, OpenVPN™, L2TP)
File system
Internal: EXT4
External: EXT4, EXT3, FAT, NTFS, HFS+
Storage management
Maximum single volume size: 108TB, Maximum internal volume #: 256, Maximum iSCSI Target #: 32,
Maximum iSCSI LUN#: 256; iSCSI Clone/Snapshot support; Supported RAID Type: Synology Hybrid RAID,
Basic, JBOD, RAID 0, RAID 1; with DX513/DX213: RAID 10; with DX513: RAID 5, RAID 6
File sharing capability
Maximum user account: 2048, Maximum user group: 256, Maximum shared folder: 256, Maximum
concurrent CIFS/AFP/FTP connections: 512
Privilege
Windows Access Control List (ACL)
Directory Service
Windows AD integration: Domain users login via Samba (CIFS)/AFP/FTP/File Station, LDAP integration
Security
FTP over SSL/TLS, IP auto-block, firewall, encrypted network backup over Rsync, HTTPS connection
Utilities
Synology Assistant, Cloud Station, Evidence Integrity Authenticator, Photo Station Uploader, NFS Plug-in
for VMware VAAI
Supported clients
Windows XP onward, Mac OS X 10.5 onward, Ubuntu 9.04 onward
Supported browsers
Chrome®, Firefox® Internet Explorer®: 8 or onward, Safari® 5 or onward, Safari (iOS 5 or later on iPad®),
Chrome (Android™ 4.0 on tablets)
Language
English, Deutsch, Français, Italiano, Español, Dansk, Norsk, Svensk, Nederlands,
, Polski, Magyar,
Português do Brasil, Português Europeu, Türkçe, Český,
Connections & Buttons
2
8
9
5
6
7
1
LED indicators
2
Tray locks
3
Power
4
Hard drive trays
5
Fan
6
USB 3.0 ports
7
eSATA port
8
LAN ports
9
Power port
10
RESET
1
3
4
10



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com