Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMD262 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # CMD262
Description  26-28 GHz GaN Power Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

CMD262 Datasheet(HTML) 3 Page - Qorvo, Inc

  CMD262 Datasheet HTML 1Page - Qorvo, Inc CMD262 Datasheet HTML 2Page - Qorvo, Inc CMD262 Datasheet HTML 3Page - Qorvo, Inc CMD262 Datasheet HTML 4Page - Qorvo, Inc CMD262 Datasheet HTML 5Page - Qorvo, Inc CMD262 Datasheet HTML 6Page - Qorvo, Inc CMD262 Datasheet HTML 7Page - Qorvo, Inc CMD262 Datasheet HTML 8Page - Qorvo, Inc CMD262 Datasheet HTML 9Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CMD262
26-28 GHz GaN Power Amplifier
Data Sheet Rev. A, June 14, 2022 | Subject to change without notice
3 of 9
www.qorvo.com
®
Typical Performance
Broadband Performance, Vdd = 28 V, Vgg1, 2, 3 = -4 V, Idd = 350 mA, TA = 25 oC
Narrow-band Performance, Vdd = 28 V, Vgg1, 2, 3 = -4 V, Idd = 350 mA, TA = 25 oC
-20
-15
-10
-5
0
5
10
15
20
25
30
15
20
25
30
35
40
Frequency/GHz
S11
S21
S22
-20
-15
-10
-5
0
5
10
15
20
25
30
22
23
24
25
26
27
28
29
30
31
32
33
Frequency/GHz
S11
S21
S22
Frequency/GHz
Frequency/GHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com