Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APT26M100JCU2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # APT26M100JCU2
Description  Boost Chopper MOSFET Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

APT26M100JCU2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  APT26M100JCU2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited APT26M100JCU2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited APT26M100JCU2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCFM8089
eq APT26M100JCU2
Boost Chopper MOSFET Power Module
www.iscsemi.com
2
MOSFET ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TPY
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 250uA
1000
--
--
V
IDSS
Zero Gate Voltage Drain Current
VDS= 1000V, VGS= 0V
--
--
100
uA
IGSS
Gate-Body Leakage Current
VGS= ±30V, VDS= 0V
--
--
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 2.5mA
3.0
--
5.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 18A
--
--
400
mΩ
SIC DIODE ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TPY
MAX
UNIT
VRRM
Maximum Peak Repetitive Reverse
Voltage
IR= 1mA
1200
--
--
V
IRM
Maximum Reverse Leakage
Current
VR= 1200V
--
--
200
uA
IF
DC Forward Current
TC = 100°C
--
10
--
A
VF
Diode Forward Voltage
IF = 10A
--
--
1.8
V
QC
Total Capacitive Charge
IF = 10A, VR = 600V,
di/dt =500A/µs
88
--
nC
C
Total Capacitance
f = 1MHz, VR = 200V
--
100
--
pF
f = 1MHz, VR = 400V
70
--
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com