Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISF1318 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISF1318
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISF1318 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISF1318 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISF1318 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISF1318 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
ISF1318
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0, ID= 0.25mA
120
-
-
V
IDSS
Zero Gate Voltage Drain Current
VDS= 120V, VGS= 0V
-
-
1.0
uA
IGSS
Gate-Body Leakage Current
VGS= ±20V, VDS= 0V
-
-
±
100
nA
VGS(th)
Gate Threshold Voltage
VDS= VGS, ID= 0.25mA
2.0
-
4.0
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V, ID= 20A
-
-
13
mΩ
Ciss
Input Capacitance
VGS = 0V,
VDS = 60V,
f = 1.0MHz
-
1394
-
pF
Coss
Output Capacitance
-
480
-
Crss
Reverse Transfer Capacitance
-
43
-
Qg
Total Gate Charge
VDS =60V,
ID = 20A,
VGS = 10V
-
19
-
nC
Qgs
Gate-Source Charge
-
7.5
-
Qgd
Gate-Drain Charge
-
2.0
-
td(on)
Turn-on Delay Time
VDS = 60V,
VGS = 10V,
ID = 20A,
RG = 2.2Ω
-
16.5
-
ns
tr
Turn-on Rise Time
-
5
-
td(off)
Turn-off Delay Time
-
25
-
tf
Turn-off Fall Time
-
5.6
-
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
-
-
60
A
VSD
Diode Forward Voltage
ISD= 30A, VGS= 0V
-
-
1.2
V
trr
Reverse Recovery Time
IF = 20A,
diF/dt = 100A /μs
-
64
-
ns
Qrr
Reverse Recovery Charge
-
58
-
uC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com