Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISU6107 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISU6107
Description  Silicon CarbideSchottky Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISU6107 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISU6107 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISU6107 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicon CarbideSchottky Rectifier Diode
ISU6107
www.iscsemi.com
1
FEATURES
· Very low Vf
· High surge current capability
· No reverse recovery
APPLICATIONS
· Solar inverter
· Power factor correction
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Peak Reverse voltage
1200
V
IF(AV)
Average Rectified Forward Current TC = 154℃
100
A
IFSM
Max. forward surge current
Tp=10mS,Half Sine Pulse
350
A
Rth j-c
Thermal resistance junction to case
0.5
K/W
TJ
Max.Junction Temperature
-55~+150
℃
Tstg
Storage Temperature Range
-55~+150
℃
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
Type
MAX
UNIT
VF
Forward voltage drop
IF= 100A ; TJ= 25℃
-
-
1.8
V
IR
Reverse leakage current
Rated DC Voltage, TJ= 25℃
-
-
0.1
mA
Rated DC Voltage, TJ= 100℃
-
-
20


Similar Part No. - ISU6107

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISU6117 ISC-ISU6117 Datasheet
531Kb / 3P
Fast Recovery Diode
ISU6126 ISC-ISU6126 Datasheet
267Kb / 2P
Super Fast Recovery Diode
ISU6131 ISC-ISU6131 Datasheet
433Kb / 3P
Ultrafast Soft Recovery Diode
ISU6155 ISC-ISU6155 Datasheet
314Kb / 2P
Fast Recovery Rectifier Diode
ISU6156 ISC-ISU6156 Datasheet
298Kb / 2P
Fast Recovery Diode
More results

Similar Description - ISU6107

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE506 NTE-NTE506 Datasheet
15Kb / 1P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
1N4003ST EIC-1N4003ST Datasheet
53Kb / 2P
SILICON RECTIFIER DIODE
logo
SEMTECH ELECTRONICS LTD...
RN2Z SEMTECH_ELEC-RN2Z Datasheet
186Kb / 1P
SILICON RECTIFIER DIODE
logo
Sanken electric
FMX-22S SANKEN-FMX-22S Datasheet
209Kb / 4P
Silicon Rectifier Diode
FMX-12S SANKEN-FMX-12S Datasheet
206Kb / 4P
Silicon Rectifier Diode
RM1Z SANKEN-RM1Z Datasheet
207Kb / 3P
Silicon Rectifier Diode
RM10Z SANKEN-RM10Z Datasheet
214Kb / 3P
Silicon Rectifier Diode
logo
SiPower Inc.
SPAL1012 SIPOWER-SPAL1012 Datasheet
365Kb / 3P
Silicon Rectifier Diode
SPAL1210 SIPOWER-SPAL1210 Datasheet
365Kb / 3P
Silicon Rectifier Diode
logo
EIC discrete Semiconduc...
10EDA20 EIC-10EDA20 Datasheet
114Kb / 2P
SILICON RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com