Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491HV Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7491HV
Description  20 W 20 W dual BTL class-D audio amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491HV Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7491HV Datasheet HTML 18Page - STMicroelectronics TDA7491HV Datasheet HTML 19Page - STMicroelectronics TDA7491HV Datasheet HTML 20Page - STMicroelectronics TDA7491HV Datasheet HTML 21Page - STMicroelectronics TDA7491HV Datasheet HTML 22Page - STMicroelectronics TDA7491HV Datasheet HTML 23Page - STMicroelectronics TDA7491HV Datasheet HTML 24Page - STMicroelectronics TDA7491HV Datasheet HTML 25Page - STMicroelectronics TDA7491HV Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
TDA7491HV
Application information
23/26
7.7
Protection function
The TDA7491HV is fully protected against over-voltages, under-voltages, over- currents and
thermal overloads as explained here. See also Table 5: Electrical specifications on page 7.
Over-voltage protection (OVP)
If the supply voltage exceeds 20 V (nominal) the over-voltage protection is activated which
forces the outputs to the high-impedance state. When the supply voltage drops to below the
threshold value the device restarts.
Under-voltage protection (UVP)
If the supply voltage drops below 4 V (nominal) the under-voltage protection is activated
which forces the outputs to the high-impedance state. When the supply voltage recovers the
device restarts.
Over-current protection (OCP)
If the output current exceeds 4 A (nominal) the over-current protection is activated which
forces the outputs to the high-impedance state. Periodically, the device attempts to restart. If
the over-current condition is still present then the OCP remains active. The restart time,
TOC, is determined by the R-C components connected to pin STBY.
Thermal protection (OTP)
If the junction temperature, Tj, reaches 145° C (nominally), the device goes to mute mode
and the positive and negative PWM outputs are forced to 50% duty cycle. At Tj = 155° C
(nominally), the device shuts down and the output is forced to the high impedance state.
When the device cools sufficiently the device restarts.
7.8
Diagnostic output
The output pin DIAG is an open drain transistor. When the protection is activated it is in the
high-impedance state. The pin can be connected to a power supply (< 20 V) by a pull-up
resistor whose value is limited by the maximum sinking current (200 µA) of the pin.
Figure 30.
Behavior of pin DIAG for various protection conditions
TDA7491HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com