Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

184 Datasheet(PDF) 17 Page - Abbatron All Rights Reserved

Part # 184
Description  Premier Supplier of Electronic Hardware
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABBATRON [Abbatron All Rights Reserved]
Direct Link  https://www.abbatron.com/
Logo ABBATRON - Abbatron All Rights Reserved

184 Datasheet(HTML) 17 Page - Abbatron All Rights Reserved

Back Button 184 Datasheet HTML 13Page - Abbatron All Rights Reserved 184 Datasheet HTML 14Page - Abbatron All Rights Reserved 184 Datasheet HTML 15Page - Abbatron All Rights Reserved 184 Datasheet HTML 16Page - Abbatron All Rights Reserved 184 Datasheet HTML 17Page - Abbatron All Rights Reserved 184 Datasheet HTML 18Page - Abbatron All Rights Reserved 184 Datasheet HTML 19Page - Abbatron All Rights Reserved 184 Datasheet HTML 20Page - Abbatron All Rights Reserved 184 Datasheet HTML 21Page - Abbatron All Rights Reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
15
•
Post heads are nickel plated brass.
•
Bodies are machined brass with tin plating.
•
Connects with .080” phone tip plug, 1/4" spade lug,
standard banana plug, alligator clip or wire (to #14).
•
To connect circuit, wrap wire around solder turret or attach
to solder lug between nuts (lug not supplied).
•
Please refer to Table A (page 12) for post rating
information.
PART NO.
FIG.
MNTG.
HOLE
POST THREAD HEAD SHAPE
1835
A
1/2 "D"
10-32
137
B
#8
8-32
Hex
3/32
7/16
1/4
3/4
3/8
1-1/32
1828
Shorting Link:
•
Constructed of spring brass with nickel plating.
•
Rated at 20 Amps.
•
Fits 269 style posts (page 16).
Metal Binding Posts
B
A
www.abbatron.com
Contact our Sales Department at 1-888-847-6484
Abbatron Binding Posts Safety Features:
•
Insulating material is high-temperature, flame-retardant
polycarbonate, with a UL continuous-usage temperature of
220oF (110oC), and UL Flammability Rating of 94 V-O.
•
Restricted head-opening prevents contact with live metal
parts, even with the head screwed back down. Positive
internal captivation does not allow the head to be removed,
even with excessive torque.
•
Recessed and insulated banana jack opening will not allow
contact with the metal stud, even with the head screwed
down. Abbatron recommends using the 289 style shrouded
banana plug for the highest possible safety level.
•
Positive, double-keyed insulating washers prevent rotation of
the stud or body when tightened into a keyed panel hole.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com