Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F271 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST10F271
Description  16-bit MCU with 128 Kbyte Flash memory and 12 Kbyte RAM
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST10F271 Datasheet HTML 158Page - STMicroelectronics ST10F271 Datasheet HTML 159Page - STMicroelectronics ST10F271 Datasheet HTML 160Page - STMicroelectronics ST10F271 Datasheet HTML 161Page - STMicroelectronics ST10F271 Datasheet HTML 162Page - STMicroelectronics ST10F271 Datasheet HTML 163Page - STMicroelectronics ST10F271 Datasheet HTML 164Page - STMicroelectronics ST10F271 Datasheet HTML 165Page - STMicroelectronics ST10F271 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 173 page
background image
Electrical characteristics
ST10F271
162/173
Figure 57.
External memory cycle: Demultiplexed bus, without r/w delay, extended ALE, r/w CS
24.8.18
CLKOUT and READY
VDD = 5V ± 10%, VSS = 0V, TA = -40 to + 125°C, CL = 50pF
Address
t5
t16
t46
t57
t6
t53
t26
t17
t47
t48
t49
t48
t49
t50
Data in
t51
t68
t55
Data out
t82
t83
t82
t83
Read cycle
Write cycle
CLKOUT
ALE
RdCSx
WrCSx
Data bus (P0)
(D15-D8) D7-D0
Data bus (P0)
(D15-D8) D7-D0
A23-A16
A15-A0 (P1)
BHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com