Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F271E Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST10F271E
Description  16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F271E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST10F271E Datasheet HTML 7Page - STMicroelectronics ST10F271E Datasheet HTML 8Page - STMicroelectronics ST10F271E Datasheet HTML 9Page - STMicroelectronics ST10F271E Datasheet HTML 10Page - STMicroelectronics ST10F271E Datasheet HTML 11Page - STMicroelectronics ST10F271E Datasheet HTML 12Page - STMicroelectronics ST10F271E Datasheet HTML 13Page - STMicroelectronics ST10F271E Datasheet HTML 14Page - STMicroelectronics ST10F271E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 180 page
background image
ST10F271B/ST10F271E
Introduction
11/180
1
Introduction
The ST10F271B and ST10F271E devices are derivatives of the STMicroelectronics ST10
family of 16-bit single-chip CMOS microcontrollers.
These two derivatives slightly differ on the available RAM size and Analog Channel Input
number. These points will be highlighted in the corresponding chapters.
For all information that is common to the 2 derivatives, the generic ST10F271 name will be
used.
The ST10F271 combines high CPU performance (up to 32 million instructions per second)
with high peripheral functionality and enhanced I/O-capabilities. It also provides on-chip
high-speed single voltage Flash memory, on-chip high-speed RAM, and clock generation
via PLL.
The ST10F271 is processed in 0.18mm CMOS technology. The MCU core and the logic is
supplied with a 5V to 1.8V on-chip voltage regulator. The part is supplied with a single 5V
supply and I/Os work at 5V.
The ST10F271 devices are based on the ST10F272 silicon, and 100% compatible, with the
difference that only a reduced portion of the on-chip Flash and RAM memories are usable.
The available memories will be detailled in the
Chapter 4: Memory organization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com