Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS108-400NAS Datasheet(PDF) 2 Page - NETGEAR, Inc.

Part # GS108-400NAS
Description  5-port, 8-port and 16-port Gigabit Ethernet Unmanaged Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NETGEAR [NETGEAR, Inc.]
Direct Link  https://www.netgear.com/
Logo NETGEAR - NETGEAR, Inc.

GS108-400NAS Datasheet(HTML) 2 Page - NETGEAR, Inc.

  GS108-400NAS Datasheet HTML 1Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 2Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 3Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 4Page - NETGEAR, Inc. GS108-400NAS Datasheet HTML 5Page - NETGEAR, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Gigabit connection to
Network Storage Device
WLAN
Connects to
printers
Gigabit
connection to devices
Connects to
network server
Why the NETGEAR Gigabit Ethernet Switch is ideal for SOHO Networks
• Superior Performance
• High Quality and Reliability
• Prioritize voice and video traffic
• Compact form-factor
• Fanless, silent and energy-efficient operation
• Lifetime Warranty* plus lifetime online support and lifetime Next Business Day (NBD) replacement
Example Application
SOHO Network Application
PAGE 2 of 5
5-port, 8-port and 16-port Gigabit Ethernet
Unmanaged Switches
Data Sheet | GS105, GS108, GS116
Hardware at a Glance
FRONT
REAR
Model Name
Form-Factor
10/100/1000 Base-T RJ45 ports
Power Supply
GS105
Desktop, Wall mount
5
External Power Adapter, 12V DC, 0.5A (6W)
GS108
Desktop, Wall mount
8
External Power Adapter, 12V DC, 0.5A (6W)
GS116
Desktop, Wall mount
16
External Power Adapter, 12V DC, 1A (12W)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com