Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6740LTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6740LTR
Description  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 9Page - STMicroelectronics L6740LTR Datasheet HTML 10Page - STMicroelectronics L6740LTR Datasheet HTML 11Page - STMicroelectronics L6740LTR Datasheet HTML 12Page - STMicroelectronics L6740LTR Datasheet HTML 13Page - STMicroelectronics L6740LTR Datasheet HTML 14Page - STMicroelectronics L6740LTR Datasheet HTML 15Page - STMicroelectronics L6740LTR Datasheet HTML 16Page - STMicroelectronics L6740LTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
L6740L
Electrical specifications
13/44
3
Electrical specifications
3.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
3.2
Electrical characteristics
Symbol
Parameter
Value
Unit
VCC
to PGND
15
V
All other Pins to PGNDx
-0.3 to 3.6
V
Table 5.
Electrical characteristics
(VCC=12V±15%, TJ = 0°C to 70°C unless otherwise specified).
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Supply current and power-ON
ICC
VCC supply current
20
mA
UVLOVCC
VCC Turn-ON
VCC rising
9
V
VCC Turn-OFF
VCC falling
7
V
Oscillator
FSW
Main oscillator accuracy
135
150
165
kHz
Oscillator adjustability
ROSC = 27kΩ
380
465
550
kHz
∆V
OSC
PWM ramp amplitude
CORE and NB section
2
V
FAULT
Voltage at Pin OSC
OVP, UVP latch active
3
3.6
V
dMAX_NB
NB duty-cycle limit
INB_DROOP = 0µA80
%
INB_DROOP = 35µA40
%
PVI / SVI interface
EN,
PWROK
Input high
2
V
Input low
0.80
V
Pull-up current
EN Pin
10
µA
Pull-down current
PWORK Pin
10
µA
VID2,/SVD
VID3/SVC
Input high
(SVI Mode)
0.95
V
Input low
(SVI Mode)
0.65
V
SVD
Voltage low (ACK)
ISINK = -5mA
250
mV
VID0 to
VID5
Input high
(PVI mode)
1.3
V
Input low
(PVI mode)
0.80
V
Pull-down current
10
µA
V_FIX
Entering V_FIX mode
0.90
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com