Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC34063AB Datasheet(PDF) 13 Page - STMicroelectronics

Part # MC34063AB
Description  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC34063AB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button MC34063AB Datasheet HTML 9Page - STMicroelectronics MC34063AB Datasheet HTML 10Page - STMicroelectronics MC34063AB Datasheet HTML 11Page - STMicroelectronics MC34063AB Datasheet HTML 12Page - STMicroelectronics MC34063AB Datasheet HTML 13Page - STMicroelectronics MC34063AB Datasheet HTML 14Page - STMicroelectronics MC34063AB Datasheet HTML 15Page - STMicroelectronics MC34063AB Datasheet HTML 16Page - STMicroelectronics MC34063AB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
MC34063AB - MC34063AC - MC34063EB - MC34063EC
Typical application circuit
13/23
Note:
VSAT = Saturation voltage of the output switch
VF = Forward voltage drop of the output rectifier
The following power supply characteristics must be chosen:
VIN = Nominal input voltage
VOUT = Desired output voltage, |VOUT| = 1.25 (1 + R2/R1)
IOUT = Desired output current
fMIN = Minimum desired output switching frequency at the selected values of VIN and IO
VRIPPLE = Desired peak to peak output ripple voltage. In practice, the calculated capacitor
value will and to be increased due to its equivalent series resistance and board layout. The
ripple voltage should be kept to a low value since it will directly affect the line and load
regulation.
Table 12.
Calculation
Parameter
Step-Up
(Discontinuous mode)
Step-Down
(Continuous mode)
Voltage Inverting
(Discontinuous mode)
ton/toff
(ton + toff) max
1/fmin
1/fmin
1/fmin
CT
4.5x10-5ton
4.5x10-5ton
4.5x10-5ton
IPK(switch)
2Iout(max)[(ton/toff)+1]
2Iout(max)
2Iout(max)[(ton/toff)+1]
RSC
0.3/IPK(switch)
0.3/IPK(switch)
0.3/IPK(switch)
CO
L(min)
OUT
V
F
V
IN mi
(
–
+
V
IN min
() Vsat
–
------------------------------------------------
V
OUT
V
F
+
Nmin
() Vsat
–
V
OU
–
---------------------------------------------------
V
OUT
V
F
+
V
IN
V
sat
–
-------------------------------
I
outton
V
ripple p
p
–
()
-------------------------------
I
PK switch
() ton
t
off
+
()
8V
ripple p
p
–
()
------------------------------------------------------
I
outton
V
ripple p
p
–
()
-------------------------------
V
IN min
() Vsat
–
I
PK switch
()
-----------------------------------
t
on mi
(
×
N min
() Vsat
–
V
out
–
I
PK switch
()
-------------------------------------------------
t
on
(
×
V
IN min
() Vsat
–
I
PK switch
()
-----------------------------------
t
on mi
(
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com