Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-2.5-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADPL42005ACPZ-2.5-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-2.5-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADPL42005ACPZ-2.5-R7 Datasheet HTML 18Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 19Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 20Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 21Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 22Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 23Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 24Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 25Page - Analog Devices ADPL42005ACPZ-2.5-R7 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
24 of 26
ORDERING GUIDE
Table 6. Ordering Guide
MODEL1
TEMPERATURE
RANGE
PACKAGE DESCRIPTION
PACKING
QUANTITY
PACKAGE
OPTION
MARKING
CODE
ADPL42005ACPZ-1.5-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LXX
ADPL42005ACPZ-1.8-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LXY
ADPL42005ACPZ-2.5-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LXZ
ADPL42005ACPZ-3.0-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LY0
ADPL42005ACPZ-3.3-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LY1
ADPL42005ACPZ-5.0-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LY2
ADPL42005ACPZ-R7
-40°C to +125°C
8-Lead LFCSP (3mm x 3mm w/ EP)
Reel, 1500
CP-8-11
LY3
ADPL42005ARDZ-1.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
200515
ADPL42005ARDZ-1.8-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
200518
ADPL42005ARDZ-2.5-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
200525
ADPL42005ARDZ-3.0-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
200530
ADPL42005ARDZ-3.3-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
200533
ADPL42005ARDZ-5.0-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
420055
ADPL42005ARDZ-R7
-40°C to +125°C
8-Lead SOIC w/ EP
Reel, 1000
RD-8-1
42005
1
Z = RoHS compliant part
Output Voltage Options
MODEL1
OUTPUT VOLTAGE (V)2
ADPL42005ACPZ-1.5-R7
1.5
ADPL42005ACPZ-1.8-R7
1.8
ADPL42005ACPZ-2.5-R7
2.5
ADPL42005ACPZ-3.0-R7
3.0
ADPL42005ACPZ-3.3-R7
3.3
ADPL42005ACPZ-5.0-R7
5
ADPL42005ACPZ-R7
Adjustable
ADPL42005ARDZ-1.5-R7
1.5
ADPL42005ARDZ-1.8-R7
1.8
ADPL42005ARDZ-2.5-R7
2.5
ADPL42005ARDZ-3.0-R7
3.0
ADPL42005ARDZ-3.3-R7
3.3
ADPL42005ARDZ-5.0-R7
5
ADPL42005ARDZ-R7
Adjustable
1
Z = RoHS compliant part
2
For additional voltage options, contact a local Analog Devices sales or distribution representative.
Evaluation Boards
MODEL1
PACKAGE DESCRIPTION
EVAL-ADPL42005CP-AZ
LFCSP Evaluation Board
EVAL-ADPL42005RD-AZ
SOIC Evaluation Board
ADPL42005CPZ-REDYKIT
LFCSP REDYKIT
ADPL42005RDZ-REDYKIT
SOIC REDYKIT
1
Z = RoHS compliant part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com