Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL42005ACPZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADPL42005ACPZ-R7
Description  20V, 500mA, Low Noise, CMOS LDO
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL42005ACPZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADPL42005ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADPL42005ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Data Sheet
ADPL42005
analog.com
Rev. 0
3 of 26
SPECIFICATIONS
Table 1. Electrical Characteristics
(VIN = (VOUT + 1V) or 4V (whichever is greater), EN = VIN, IOUT = 10mA, CIN = COUT = 1µF, TA = 25°C for typical
specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT VOLTAGE RANGE
VIN
4
20
V
OPERATING SUPPLY
CURRENT
IGND
IOUT = 100µA, VIN = 10V
440
900
µA
IOUT = 10mA, VIN = 10V
450
1050
µA
IOUT = 300mA, VIN = 10V
750
1400
µA
IOUT = 500mA, VIN = 10V
900
1600
µA
SHUTDOWN CURRENT
IGND-SD
EN = GND, VIN = 12V
40
75
µA
INPUT REVERSE CURRENT
IREV-INPUT
EN = GND, VIN = 0V, VOUT = 20V
0.3
5
µA
OUTPUT VOLTAGE
FIXED OUTPUT VOLTAGE
ACCURACY
VOUT
IOUT = 10mA
–0.8
+0.8
%
1mA < IOUT < 500mA, VIN = (VOUT + 1V) to 20V
–2
+1
%
ADJUSTABLE OUTPUT
VOLTAGE ACCURACY
VADJ
IOUT = 10mA
1.21
1.22
1.23
V
1mA < IOUT < 500mA, VIN = (VOUT + 1V) to 20V
1.196
1.232
V
LINE REGULATION
∆VOUT/∆VIN
VIN = (VOUT + 1V) to 20V
−0.015
+0.015
%/V
LOAD REGULATION1
∆VOUT/∆IOUT
IOUT = 1mA to 500mA
0.2
0.75
%/A
ADJ INPUT BIAS CURRENT
ADJI-BIAS
1mA < IOUT < 500mA, VIN = (VOUT + 1V) to 20V,
ADJ connected to VOUT
10
nA
SENSE INPUT BIAS
CURRENT
SENSEI-BIAS
1mA < IOUT < 500mA, VIN = (VOUT + 1V) to 20V,
SENSE connected to VOUT, VOUT = 1.5V
1
μA
DROPOUT VOLTAGE2
VDROPOUT
IOUT = 10mA
20
40
mV
IOUT = 150mA
100
175
mV
IOUT = 300mA
200
325
mV
IOUT = 500mA
400
600
mV
CURRENT-LIMIT
THRESHOLD33
ILIMIT
625
775
1000
mA
PG OUTPUT LOGIC LEVEL
PG OUTPUT LOGIC HIGH
PGHIGH
IOH < 1µA
1.0
V
PG OUTPUT LOGIC LOW
PGLOW
IOL < 2mA
0.4
V
PG OUTPUT THRESHOLD
PG OUTPUT VOLTAGE
FALLING
PGFALL
−9.2
%
PG OUTPUT VOLTAGE
RISING
PGRISE
−6.5
%
THERMAL SHUTDOWN
THERMAL SHUTDOWN
THRESHOLD
TSSD
TJ rising
150
°C
THERMAL SHUTDOWN
HYSTERESIS
TSSD-HYS
15
°C
PROGRAMMABLE EN/UVLO
UVLO THRESHOLD RISING
UVLORISE
3.3V ≤ VIN ≤ 20V
1.18
1.22
1.28
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com