Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84JB3V0H Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84JB3V0H
Description  550mW, 2.4V - 75V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84JB3V0H Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX84JB3V0H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84JB3V0H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84JB3V0H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX84JB3V0H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX84JB3V0H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX84JB3V0H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZX84JB2V4H
– BZX84JB75H
Taiwan Semiconductor
4
Version: A2503
CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
Fig.1 Power Dissipation Curve
Fig.2 Zener Breakdown Characteristics
Fig.3 Zener Breakdown Characteristics
Fig.4 Typical Junction Capacitance
Fig.5 Effect of Zener Voltage on Impedance
0
100
200
300
400
500
600
0
25
50
75
100
125
150
0.01
0.1
1
10
100
0
2
4
6
8
10
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
1
10
100
1V BIAS
BIAS AT 50%
OF V
Z NOM
0.1
1
10
100
1000
1
10
100
NOMINAL ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
AMBIENT TEMPERATURE (°C)
NOMINAL ZENER VOLTAGE (V)
ZENER VOLTAGE (V)
IZ = 1mA
IZ = 5mA
0V BIAS
VZ(NOM) (V) = 2.4, 3.0, 4.7, 5.6, 6.8, 7.5, 8.2, 9.1
VZ(NOM) (V) = 12, 18, 27, 33, 39, 47, 51, 62, 68, 75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com