Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84JB3V3H Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84JB3V3H
Description  550mW, 2.4V - 75V Surface Mount Zener Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84JB3V3H Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZX84JB3V3H Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84JB3V3H Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84JB3V3H Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX84JB3V3H Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX84JB3V3H Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZX84JB3V3H Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZX84JB2V4H
– BZX84JB75H
Taiwan Semiconductor
2
Version: A2503
ELECTRICAL SPECIFICATIONS (T
A
= 25°C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
ZENER
VOLTAGE
TEST
CURRENT
REGULAR
IMPEDANCE
TEST
CURRENT
LEAKAGE
CURRENT
VZ @ IZT
IZT
ZZT
@ IZT
ZZK
@ IZK
IZK
IR @ VR
V
mA
Ω
Ω
mA
µA
V
Min
Nom
Max
Max
Max
Max
BZX84JB2V4H
SL
2.35
2.4
2.45
5
100
600
1.0
50
1.0
BZX84JB2V7H
SM
2.65
2.7
2.75
5
100
600
1.0
20
1.0
BZX84JB3V0H
ST
2.94
3.0
3.06
5
95
600
1.0
10
1.0
BZX84JB3V3H
SU
3.23
3.3
3.37
5
95
600
1.0
5
1.0
BZX84JB3V6H
SV
3.53
3.6
3.67
5
90
600
1.0
5
1.0
BZX84JB3V9H
SW
3.82
3.9
3.98
5
90
600
1.0
3
1.0
BZX84JB4V3H
SZ
4.21
4.3
4.39
5
90
600
1.0
3
1.0
BZX84JB4V7H
TA
4.61
4.7
4.79
5
80
500
1.0
3
2.0
BZX84JB5V1H
TD
5.00
5.1
5.20
5
60
480
1.0
2
2.0
BZX84JB5V6H
TE
5.49
5.6
5.71
5
40
400
1.0
1
2.0
BZX84JB6V2H
TH
6.08
6.2
6.32
5
10
150
1.0
3
4.0
BZX84JB6V8H
TK
6.66
6.8
6.94
5
15
80
1.0
2
4.0
BZX84JB7V5H
TM
7.35
7.5
7.65
5
15
80
1.0
1
5.0
BZX84JB8V2H
TN
8.04
8.2
8.36
5
15
80
1.0
0.7
5.0
BZX84JB9V1H
TP
8.92
9.1
9.28
5
15
100
1.0
0.5
6.0
BZX84JB10H
S8
9.80
10
10.20
5
10
150
1.0
0.2
7.0
BZX84JB11H
S9
10.78
11
11.22
5
20
150
1.0
0.1
8.0
BZX84JB12H
SA
11.76
12
12.24
5
25
150
1.0
0.1
8.0
BZX84JB13H
SB
12.74
13
13.26
5
30
170
1.0
0.1
8.0
BZX84JB15H
SC
14.70
15
15.30
5
30
200
1.0
0.1
10.5
BZX84JB16H
SD
15.68
16
16.32
5
40
200
1.0
0.1
11.2
BZX84JB18H
SE
17.64
18
18.36
5
45
225
1.0
0.1
12.6
BZX84JB20H
SF
19.60
20
20.40
5
55
225
1.0
0.1
14.0
BZX84JB22H
SG
21.56
22
22.44
5
55
250
1.0
0.1
15.4
BZX84JB24H
SH
23.52
24
24.48
5
70
250
1.0
0.1
16.8
BZX84JB27H
SK
26.46
27
27.54
2
80
300
0.5
0.1
18.9
BZX84JB30H
SN
29.40
30
30.60
2
80
300
0.5
0.1
21.0
BZX84JB33H
SP
32.34
33
33.66
2
80
325
0.5
0.1
23.1
BZX84JB36H
SR
35.28
36
36.72
2
90
350
0.5
0.1
25.2
BZX84JB39H
SS
38.22
39
39.78
2
130
350
0.5
0.1
27.3
BZX84JB43H
SX
42.14
43
43.86
2
130
350
0.5
0.1
29.4
BZX84JB47H
SY
45.83
47
48.17
2
170
1000
0.25
0.1
36
BZX84JB51H
TB
49.73
51
52.27
2
180
1300
0.25
0.1
39
BZX84JB56H
TC
54.60
56
57.40
2
200
1400
0.25
0.1
43
BZX84JB62H
TF
60.45
62
63.55
2
225
1400
0.25
0.1
47
BZX84JB68H
TG
66.30
68
69.70
2
240
1600
0.25
0.1
52
BZX84JB75H
TL
73.13
75
76.87
2
265
1700
0.25
0.1
56



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com