Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC240FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC240FT
Description  Octal Bus Buffer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC240FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC240FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC240FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74VHC240,244F/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240F,TC74VHC240FT,TC74VHC240FK
TC74VHC244F,TC74VHC244FT,TC74VHC244FK
Octal Bus Buffer
TC74VHC240F/FT/FK
Inverted, 3-State Outputs
TC74VHC244F/FT/FK
Non-Inverted, 3-State Outputs
The TC74VHC240 and 244 are advanced high speed CMOS
OCTAL BUS BUFFERs fabricated with silicon gate C2MOS
technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The 74VHC240 is an inverting 3-state buffer having two
active-low output enables. The TC74VHC244 is a non-inverting
3-state buffer, and has two active-low output enables.
These devices are designed to be used with 3-state memory
address drivers, etc.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.9 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.9 V (max)
• Pin and function compatible with 74ALS240/244
Weight
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)
TC74VHC240F, TC74VHC244F
TC74VHC240FT, TC74VHC244FT
TC74VHC240FK, TC74VHC244FK


Similar Part No. - TC74VHC240FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC240FT TOSHIBA-TC74VHC240FT Datasheet
254Kb / 6P
OCTAL BUS BUFFER. INVERTED/NON-INVERTED, 3-STATE OUTPUTS
TC74VHC240FT TOSHIBA-TC74VHC240FT Datasheet
210Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FT TOSHIBA-TC74VHC240FT Datasheet
210Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FT-EL TOSHIBA-TC74VHC240FT-EL Datasheet
210Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC240FT TOSHIBA-TC74VHC240FT_12 Datasheet
210Kb / 10P
Inverted, 3-State Outputs or Non-Inverted, 3-State Outputs
More results

Similar Description - TC74VHC240FT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC244 MOTOROLA-MC74VHC244 Datasheet
165Kb / 6P
Octal Bus Buffer
MC74VHC540 MOTOROLA-MC74VHC540 Datasheet
168Kb / 6P
Octal Bus Buffer
logo
Toshiba Semiconductor
TC74ACT240P TOSHIBA-TC74ACT240P Datasheet
273Kb / 6P
OCTAL BUS BUFFER
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHC541 ONSEMI-MC74VHC541 Datasheet
106Kb / 6P
Octal Bus Buffer
April, 2006 ??Rev. 5
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
Octal Bus Buffer
January, 2006 ??Rev. 4
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
Octal Bus Buffer
May, 2011 ??Rev. 8
MC74LVX240 ONSEMI-MC74LVX240_14 Datasheet
134Kb / 7P
Octal Bus Buffer
February, 2014 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com