Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4071B Datasheet(PDF) 4 Page - STMicroelectronics

Part # HCC4071B
Description  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4071B Datasheet(HTML) 4 Page - STMicroelectronics

  HCC4071B Datasheet HTML 1Page - STMicroelectronics HCC4071B Datasheet HTML 2Page - STMicroelectronics HCC4071B Datasheet HTML 3Page - STMicroelectronics HCC4071B Datasheet HTML 4Page - STMicroelectronics HCC4071B Datasheet HTML 5Page - STMicroelectronics HCC4071B Datasheet HTML 6Page - STMicroelectronics HCC4071B Datasheet HTML 7Page - STMicroelectronics HCC4071B Datasheet HTML 8Page - STMicroelectronics HCC4071B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maximum rating
HCC4000B series
4/13
2
Maximum rating
Stressing the device above the rating listed in the “absolute maximum ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics sure
program and other relevant quality documents.
Note:
All voltage values are referred to VSS pin voltage.
2.1
Recommended operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
-0.5 to 22
V
VI
DC input voltage
-0.5 to VDD + 0.5
V
II
DC input current
±10
mA
PD
Power dissipation per package
100
mW
TOP
Operating temperature
-55 to +125
°C
TSTG
Storage temperature
-65 to +150
°C
Table 2. Recommended operating conditions
Symsbol
Parameter
Value
Unit
VDD
Supply voltage
20
V
VI
Input voltage
0 to VDD
V
TOP
Operating temperature
-55 to +125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com