Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BHA260AB Datasheet(PDF) 21 Page - Bosch Sensortec GmbH

Part # BHA260AB
Description  Ultra-low power, high performance, programmable Smart Sensor with integrated Accelerometer
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BHA260AB Datasheet(HTML) 21 Page - Bosch Sensortec GmbH

Back Button BHA260AB Datasheet HTML 17Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 18Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 19Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 20Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 21Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 22Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 23Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 24Page - Bosch Sensortec GmbH BHA260AB Datasheet HTML 25Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 141 page
background image
Bosch Sensortec | BHA260AB Data sheet
21 | 141
Modifications reserved | Data subject not change without notice | Printed in Germany
Document number: BST-BHA260AB-DS000-07 | Revision: 1.7
Notes:
1) Function is locked after initial selection. This is not valid for HIRQ.
2) Function 1 is defined by firmware. In hardware these pins are standard GPIOs.
3) GPIO must be configured for correct direction – event interrupts are inputs
Table 3: Pad functions and init conditions
Pad # Pad Name
Primary Function
Group
Function after (refers to functions in Table 2)
Reset
Bootloader
completed
Firmware load
13
RESETN
System Control
1
1
1
19
HSCX
Host Interface 1)
2
1 or 2:
defined by HCSB
1 or 2:
defined by HCSB
11
HCSB
10
HSDX
9
HSDO
20
HIRQ
3
16
M2SCX
Master Interface 2
3
3
defined by FW:
sif_cfg=0: 1
sif_cfg=1: 2
sif_Cfg=2: 2
2
M2SDX
21
M2SDI
14
M3SCL
Master Interface 3
3
3
3 or 1
Defined by FW
12
M3SDA
18
MCSB1
Chip Selects /
Event Interrupts 2)
1
1
Defined by FW
17
MCSB2
15
MCSB3
22
RESV
1
JTAG_CLK
Debug 1)
3
1 or 3:
Defined by
product type
1 or 3:
Defined by
FW
3
JTAG_DIO
Notes:
1) Function is locked after initial selection. This is not valid for HIRQ.
2) Function 1 is defined by firmware. In hardware these pins are standard GPIOs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com