Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP390 Datasheet(PDF) 44 Page - Bosch Sensortec GmbH

Part # BMP390
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP390 Datasheet(HTML) 44 Page - Bosch Sensortec GmbH

Back Button BMP390 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP390 Datasheet HTML 48Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
Bosch Sensortec | BMP390 Datasheet
44 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP390-DS002-07 Revision_1.7_032021
tHDDAT
tf
tBUF
SDI
SCK
SDI
tLOW
tHDSTA
tr
tSUSTA
tHIGH
tSUDAT
tSUSTO
Figure 21: I²C timing diagram
Table 50: I²C timings
Parameter
Symbol
Condition
Min
Typ
Max
Units
SCK frequency
Fi2c
400
3400
kHz
SDI input setup time
tSU;DAT
S&F Mode
HS mode
160
30
ns
ns
SDI output hold time
tHD;DAT
S&F Mode, Cb≤100 pF
S&F Mode, Cb≤400 pF
HS mode, Cb≤100 pF
HS mode, Cb≤400 pF
80
90
18
24
ns
ns
ns
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.62 V
160
ns
SCK low pulse
tLOW
HS mode, Cb≤100 pF
VDDIO = 1.2 V
210
ns
The above-mentioned I2C specific timings correspond to the following internal added delays:
•
Input delay between SDI and SCK inputs: SDI is more delayed than SCK by typically 120 ns in Standard and Fast
Modes and by typically 20 ns in High Speed Mode.
•
Output delay from SCK falling edge to SDI output propagation is typically 140 ns in Standard and Fast Modes and
typically 70 ns in High Speed Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com