Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74VHC4053AFK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74VHC4053AFK
Description  Analog Multiplexer/Demultiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC4053AFK Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VHC4053AFK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC4053AFK Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74VHC4051,4052,4053AF/FT/FK
2007-10-01
6
AC Electrical Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
2.5
±0.2
⎯
1.2
10
⎯
16
3.3
±0.3
⎯
0.8
6
⎯
10
CL = 15 pF
RL = 1 kΩ
5.0
±0.5
⎯
0.3
4
⎯
7
ns
2.5
±0.2
⎯
2.6
12
⎯
18
3.3
±0.3
⎯
1.5
9
⎯
12
Phase difference between
input and output
φI/O
CL = 50 pF
RL = 1 kΩ
5.0
±0.5
⎯
0.6
6
⎯
8
2.5
±0.2
⎯
3.3
15
⎯
20
3.3
±0.3
⎯
2.3
11
⎯
15
CL = 15 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
⎯
1.6
7
⎯
10
ns
2.5
±0.2
⎯
4.2
25
⎯
32
3.3
±0.3
⎯
3.0
18
⎯
22
Output enable time
tpZL
tpZH
CL = 50 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
⎯
2.1
12
⎯
16
2.5
±0.2
⎯
6
15
⎯
23
3.3
±0.3
⎯
4.5
11
⎯
15
CL = 15 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
⎯
3.2
7
⎯
10
ns
2.5
±0.2
⎯
9.6
25
⎯
32
3.3
±0.3
⎯
7.2
18
⎯
22
Output disable time
tpLZ
tpHZ
CL = 50 pF
RL = 1 kΩ
Figure 1
5.0
±0.5
⎯
5.1
12
⎯
16
Control input capacitance
CIN
All types
⎯
⎯
3
⎯
⎯
10
pF
4051A
23.4
4052A
13.1
COMMON terminal
capacitance
CIS
4053A
Figure 2
⎯
⎯
8.2
⎯
⎯
⎯
pF
4051A
5.7
4052A
5.6
SWITCH terminal
capacitance
COS
4053A
Figure 2
⎯
⎯
5.6
⎯
⎯
⎯
pF
4051A
0.5
4052A
0.5
Feedthrough capacitance
CIOS
4053A
Figure 2
⎯
⎯
0.5
⎯
⎯
⎯
pF
4051A
15
4052A
24
Power dissipation
capacitance
CPD
4053A
Figure 2
(Note)
⎯
⎯
12
⎯
⎯
⎯
pF
Note:
CPD is defined as the value of the internal equivalent capacitance of IC which is calculated from the
operating current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com