Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC2 Datasheet(PDF) 1 Page - Multicomp Pro

Part # FC2
Description  Cable Clip
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

FC2 Datasheet(HTML) 1 Page - Multicomp Pro

  FC2 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
09/06/22
Cable Clip
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Adhesive Backed Cable Clamp, Nylon
(Polyamide), Natural, 100 PK
FC2
Specifications
Material
: Nylon (Polyamide)
Colour
: Natural
External Length / Height
: 16mm
External Width
: 15.5mm
Cable Diameter
: 4.8mm


Similar Part No. - FC2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FC2 COOPER-FC2 Datasheet
4Mb / 55P
Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
PREMO CORPORATION S.L
FC2-FC4 PREMO-FC2-FC4 Datasheet
138Kb / 1P
Screened Room Filters
logo
Quectel Wireless Soluti...
FC20 QUECTEL-FC20 Datasheet
1Mb / 2P
Wi-Fi & BT Module with Ultra-compact LCC Package
FC20-N QUECTEL-FC20-N Datasheet
1Mb / 2P
Wi-Fi & BT Module with Ultra-compact LCC Package
logo
Beckhoff Automation Gmb...
FC2001 BECKHOFF-FC2001 Datasheet
164Kb / 2P
Infrastructure, 1-channel fieldbus card, Lightbus, master, PCI, LWL
More results

Similar Description - FC2

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5514 POMONA-5514 Datasheet
21Kb / 1P
SOIC Clip Test Clip Kit
5940 POMONA-5940 Datasheet
70Kb / 1P
Kelvin Clip Cable Assembly With Banana Plugs
logo
Bud Industries, Inc.
CM-2220 BUD-CM-2220 Datasheet
68Kb / 1P
CABLE CLIP PACKAGE
logo
Harwin Plc
S8101-46R HARWIN-S8101-46R Datasheet
116Kb / 1P
SMT CABLE CLIP 01.0mm IN TAPE & REEL
logo
Tyco Electronics
2-1105300-2 MACOM-2-1105300-2 Datasheet
88Kb / 1P
CLIP
logo
3M Electronics
5940 3M-5940 Datasheet
29Kb / 2P
Kelvin Clip Cable Assembly With Banana Plugs
09-Jun-1999
logo
Molex Electronics Ltd.
1301160028 MOLEX11-1301160028 Datasheet
34Kb / 1P
Economy Box Track Flat Cable, Festoon Hanging Clip
logo
Harwin Plc
S8071-46R HARWIN-S8071-46R Datasheet
95Kb / 1P
VERTICAL SMT CABLE AND PIN CLIP
S8081-46R HARWIN-S8081-46R Datasheet
84Kb / 1P
HORIZONTAL SMT CABLE AND PIN CLIP
logo
Pepperl+Fuchs Inc.
VAZ-FK-CL1 PF-VAZ-FK-CL1 Datasheet
83Kb / 1P
Mounting clip for AS-Interface flat cable
2008-01-10
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com