Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64-SW-OPT-1 Datasheet(PDF) 4 Page - Abracon Corporation

Part # LP64-SW-OPT-1
Description  Emulex® Gen 7 Fibre Channel HBAs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

LP64-SW-OPT-1 Datasheet(HTML) 4 Page - Abracon Corporation

  LP64-SW-OPT-1 Datasheet HTML 1Page - Abracon Corporation LP64-SW-OPT-1 Datasheet HTML 2Page - Abracon Corporation LP64-SW-OPT-1 Datasheet HTML 3Page - Abracon Corporation LP64-SW-OPT-1 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Product Brief
For more product information: broadcom.com
Copyright © 2018–2022 Broadcom. All Rights Reserved. The term “Broadcom” refers to Broadcom Inc. and/or its subsidiaries. For
more information, go to www.broadcom.com. All trademarks, trade names, service marks, and logos referenced herein belong to
their respective companies.
LPe35000-LPe36000-PB110 October 21, 2022
• EU RoHS Compliant
• EU Low Voltage Directive
Australia
• RCM Class A
Japan
• VCCI Class A
Korea
• KCC Class A
China
• China RoHS Compliant
Taiwan
• BSMI Class A
• BSMI RoHS Compliant
Ordering Information
LPe35000-M2 (Upgradeable to 64GFC)6
• 1-Port 32GFC Short Wave Optical
LC SFP+, low profile
LPe35002-M2 (Upgradeable to 64GFC)6
• 2-Port 32GFC Short Wave Optical
LC SFP+, low profile
LPe35004-M2 (Not upgradeable to
64GFC; OEM models may differ)
• 4-Port 32GFC Short Wave Optical LC
SFP+, full height
LPe36000-M64
• 1-Port 64GFC Short Wave Optical LC
SFP+, low profile
LPe36002-M64
• 2-Port 64GFC Short Wave Optical LC
SFP+, low profile
Options
Only options approved by Emulex
are warranted and fully supported by
Technical Support. Emulex options are
denoted by a “-ELX”, “-EM”, “-EL1”, or
“-EL5” in the transceiver part number.
LP32-SW-OPT-1
• 32GFC Optic (short-wave laser with LC
connector SFP+ transceiver): 1 piece
LP32-SW-OPT-2
• 32GFC Optics (short-wave laser with LC
connector SFP+ transceiver): 2 pieces
LP32-LW-OPT-1
• 32GFC Optic (long-wave laser with LC
connector SFP+ transceiver): 1 piece
LP32-LW-OPT-2
• 32GFC Optics (long-wave laser with LC
connector SFP+ transceiver): 2 pieces
LP64-SW-OPT-1
• 64GFC Optic (short-wave laser with LC
connector SFP+ transceiver): 1 piece
LP64-SW-OPT-2
• 64GFC Optics (short-wave laser with LC
connector SFP+ transceiver): 2 pieces
LP64-LW-OPT-1
• 64GFC Optic (long-wave laser with LC
connector SFP+ transceiver): 1 piece
Additional Features
Performance Features
• The LPe35000-series HBAs double
the maximum FC link rate from 16GFC
to 32GFC and again to 64GFC with a
64GFC optics upgrade.6
• Support for NVMe/FC for low-latency,
high-performance, end-to-end NVMe/FC
storage networks.
• Registration and support for FPINs and
congestion signaling.
• Buffer-to-buffer credit recovery—
automatic buffer credit loss detection
and recovery for reliable performance.
• Frame-level multiplexing increases
link efficiency and maximizes HBA
performance.
• N_Port ID Virtualization (NPIV) increases
network scalability by enabling a single
FC adapter port to provide multiple
virtual ports.
Data Protection Features
• End-to-end data protection using
hardware parity, CRC, ECC, and other
advanced error checking and correction
algorithms ensures that data is safe from
corruption.
• Enhanced data protection is provided
by T10 PI with high-performance
offload. T10 PI provides additional data
protection in environments such as
Oracle Unbreakable Linux.
Deployment and Management Features
• Universal boot capability allows the
appropriate boot environment to be
automatically selected for any given
hardware.
• Boot from SAN capability reduces
system management costs and increases
uptime.
• Detailed, real-time event logging and
tracing enables quick diagnosis of SAN
problems.
• The beaconing feature flashes the HBA
LEDs, simplifying their identification
within server racks.
• The environmental monitoring feature
helps optimize SAN availability.
Management Features
• The Emulex HBA Manager application7
enables centralized discovery,
monitoring, reporting, and administration
of HBAs provided by Emulex on local
and remote hosts. Powerful automation
capabilities facilitate remote driver
parameter, firmware, and boot code
upgrades.
• Advanced diagnostic features, such as
adapter port beaconing and adapter
statistics, help optimize management
and network performance, while the
environmental monitoring feature
helps to maintain optimum host-to-
fabric connections. In addition to the
GUI interface, management functions
can also be performed via a scriptable
command line interface (CLI).
• Troubleshoot optics and cables before
critical errors affect your system with
Brocade ClearLink-supported switches
and Emulex HBAs.
• Emulex HBA Manager supports role-
based management to facilitate
administration of adapters throughout
the data center without compromising
security. Management privileges can be
assigned based on LDAP and AD group
memberships.
• The Emulex management
instrumentation complies to open
management standards, such as SMI-S
and common HBA API support, which
enables seamless upward integration
into enterprise storage and server
management solutions.
6
Only Emulex-approved options are warranted and fully supported by Technical Support.
7
The Emulex OneCommand Manager application has been renamed the Emulex HBA Manager application.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com