Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP64-SW-OPT-2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # LP64-SW-OPT-2
Description  Emulex® Gen 7 Fibre Channel HBAs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

LP64-SW-OPT-2 Datasheet(HTML) 2 Page - Abracon Corporation

  LP64-SW-OPT-2 Datasheet HTML 1Page - Abracon Corporation LP64-SW-OPT-2 Datasheet HTML 2Page - Abracon Corporation LP64-SW-OPT-2 Datasheet HTML 3Page - Abracon Corporation LP64-SW-OPT-2 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Emulex Gen 7 Fibre Channel HBAs
Product Brief
Fully Protect Data
• Thwart malicious firmware with a
Silicon Root of Trust and digitally
signed firmware.
− Complies with the NIST 800-193
framework.
− Verifies the digital signature
during firmware download and
power-on.
• Guarantee driver security with
Broadcom digitally signed drivers.
• Secure Boot guarantees UEFI boot
code security with digitally signed
boot code.
• Data Integrity Field (T10 DIF)
protects data from corruption.
Simplify HBA
Management and
Remediate Network
Performance Problems
with the new Emulex
SAN Manager (ESM)3
Emulex Gen 7 HBAs work with the
Emulex SAN Manager application
to reduce operational cost and
complexity via the following:
Visibility into the endpoints of the
fabric:
• Captures complete SAN HBA host
inventory; host names; and OS,
software, and firmware versions.
• Identifies multipath misconfiguration
errors via the multipath validation
tool.
Centralized in-band access to
managed HBAs across the SAN:
• Configures the Adaptive Congestion
Management feature.
• Enables optical transceiver statistics
to be downloaded for analysis to
help detect optic degradation; lists
queue depths by port.
Automatic identification and
mitigation of application
performance problems with direct
communication between Emulex
HBAs and Brocade fabric switches
and directors:
• Visualizes SAN congestion with a
dashboard that presents congestion
and bandwidth graphs.
• Remediates congestion
automatically via the Adaptive
Congestion Management feature.
enhancement results in significant
increased performance compared
to legacy software-based solutions.
These performance advances
enable Emulex Gen 7 HBAs to
handle demanding workloads and
I/O spikes experienced under peak
workload conditions like no other
Fibre Channel HBA in the industry.
Emulex Gen 7 HBAs support NVMe
over Fibre Channel (NVMe/FC),
providing significantly lower latency
versus the traditional Fibre Channel
SCSI protocol (SCSI FCP). Testing
by independent performance
labs has shown that NVMe/FC
can deliver up to 50% more IOPS,
30% lower latency,4 and up to 3.4x
higher online transaction processing
(OLTP) transactions per minute5
than traditional SCSI FCP. Emulex
Gen 7 HBAs also support NVMe/
FC and SCSI FCP concurrently,
providing investment protection and
allowing data centers to transition to
end-to-end NVMe over FC SANs at
their own pace.
Emulex Gen 7 HBA port
aggregation (also known as
trunking) provides a method to
aggregate physical ports to form
a single logical port. Aggregating
physical ports to make a single
high-bandwidth datapath increases
the logical connection bandwidth
for applications that need it, such
as data warehousing and virtual
machine migration.
Operational Efficiency
Emulex Gen 7 HBAs offer
enhanced reliability, availability,
and serviceability (RAS) including
port isolation and port-based error
isolation that enables users to easily
detect, isolate, and recover from
errors.
Emulex Gen 7 HBAs are managed
HBAs—intelligent adapters
designed to work with Emulex SAN
Manager3 to reduce the complexity
of managing enterprise-class SANs.
Unlike other adapters, managed
HBAs are designed to perform
many operational tasks without the
intervention of the host on which
they reside. Managed HBAs differ
from other adapters because they:
• Communicate to the Emulex SAN
Manager application and register
as a managed HBA.
• Utilize the industry-standard
INCITS/T11 specification, which
includes full FPINs and signaling
support to collaborate with the
fabric to identify and address
performance problems.
• Monitor and record performance
data and fabric notifications for
analysis.
Emulex Gen 7 HBAs are easy to
manage and save administrators
time and operating costs with
features such as no reboots for
firmware updates, queue depth
changes, or optics replacements.
Emulex Gen 7 hot-plug (hot-
swappable) optics enable optics to
be removed and replaced without
shutting down the system, allowing
for uninterrupted service.
The Emulex HBA Manager
application, formerly known as
Emulex OneCommand™ Manager,
provides centralized management
of current and previous generations
of Emulex FC HBAs. Emulex HBA
troubleshooting is simplified with
Emulex HBA Capture, an Emulex
utility that gathers system, adapter,
and device driver information.
Data collected by HBA Capture
is compressed into a single file
and can be sent to Broadcom
Technical Support for analysis when
debugging system issues or for
diagnostic purposes.
Emulex HBAs fully support the
Brocade® Fabric Vision® suite of
features, facilitating a solution from
the switch to the server endpoints
that have Emulex HBAs installed.
Supported features include
ClearLink™ (D_Port), Link Cable
Beaconing, Host Name Registration,
Read Diagnostic Parameters,
VMID, BB_Credit Recovery,
3
The Emulex SAN Manager application is available separately. Contact Broadcom sales for information.
4
Emulex labs/Demartek, 2018
5
Tolly Test Report # 220122, 2020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com