Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GWCSHPM1.EM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GWCSHPM1.EM
Description  OSLON® SSL 150
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GWCSHPM1.EM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GWCSHPM1.EM Datasheet HTML 1Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 2Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 3Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 4Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 5Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 6Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 7Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 8Page - ams-OSRAM AG GWCSHPM1.EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
GW CSHPM1.EM
DATASHEET
DATASHEET
3 | Version 1.10 | 2023-07-20
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 350 mA
Φ
V
GW CSHPM1.EM-LPLR-XX59-1
2500 K
112 ... 140 lm
Q65113A5701
GW CSHPM1.EM-LQLS-XX58-1
2700 K
121 ... 150 lm
Q65113A5700
GW CSHPM1.EM-LRLT-XX57-1
3000 K
130 ... 164 lm
Q65113A5699
GW CSHPM1.EM-LRLT-XX56-1
3500 K
130 ... 164 lm
Q65113A5698
GW CSHPM1.EM-LSLU-XX55-1
4000 K
140 ... 180 lm
Q65113A5697
GW CSHPM1.EM-LSLU-XX54-1
4500 K
140 ... 180 lm
Q65113A5696
GW CSHPM1.EM-LSLU-XX53-1
5000 K
140 ... 180 lm
Q65113A5709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com