Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT10-EMU3 Datasheet(PDF) 85 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 81Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 82Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 83Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 84Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 85Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 86Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 87Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 88Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
85/124
13.3.4 Internal RC Oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by option byte).
The RC oscillator and PLL characteristics are temperature-dependent and are grouped in two tables.
13.3.4.1 Devices with “6” order code suffix (tested for TA = -40 to +85°C) @ VDD = 4.5 to 5.5V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 24
3. Data based on characterization results, not tested in production
4. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy
5. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 13 on page 25.
6. Guaranteed by design.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
2.4
5.5
V
VDD(x4PLL)
x4 PLL operating voltage
2.4
3.3
VDD(x8PLL)
x8 PLL operating voltage
3.3
5.5
tSTARTUP
PLL Startup time
60
PLL input clock (fPLL)
cycles
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA=25°C, VDD=5V
760
kHz
RCCR = RCCR02 ),TA=25°C, VDD=5V
1000
ACCRC
Accuracy of Internal RC
oscillator with
RCCR=RCCR02)
TA=25°C,VDD=4.5 to 5.5V
-1
+1%
TA=-40 to +85°C, VDD=5V
-5
+2
%
TA=0 to +85°C, VDD=4.5 to 5.5V
-23)
+23)
%
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=5V
9703)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=5V
102)
µs
fPLL
x8 PLL input clock
13)
MHz
tLOCK
PLL Lock time5)
2ms
tSTAB
PLL Stabilization time5)
4ms
ACCPLL
x8 PLL Accuracy
fRC = 1MHz@TA=25°C, VDD=4.5 to 5.5V
0.14)
%
fRC = 1MHz@TA=-40 to +85°C, VDD=5V
0.14)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
86)
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
6)
%
IDD(PLL)
PLL current consumption TA=25°C
6003)
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com