Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT10-EMU3 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 111Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 112Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 113Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 114Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 115Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 116Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 117Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 118Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
115/124
Figure 89. Ordering information scheme
ST7
F
LITES5
Y
0
M
6
TR
Family
ST7 Microcontroller Family
Memory type
F: Flash
P: FASTROM
Memory size
0 = 1K (LITESx versions) or 1.5K (LITE0x versions)
Package
B = DIP
M = SO
U = QFN
Shipping Option
TR = Tape & Reel packing
Blank = Tube (DIP16 or SO16) or Tray (QFN20)
Example:
No. of pins
Y = 16
Sub-family
LITES2, LITES5, LITE02, LITE05 or LITE09
Temperature range
6 = -40 °C to 85 °C
For a list of available options (e.g. data EEPROM, package) and orderable part numbers or for
further information on any aspect of this device, please contact the ST Sales Office nearest to you.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com