Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7MDT10-EMU3 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7MDT10-EMU3
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MDT10-EMU3 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7MDT10-EMU3 Datasheet HTML 116Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 117Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 118Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 119Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 120Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 121Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 122Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 123Page - STMicroelectronics ST7MDT10-EMU3 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
121/124
16 KNOWN LIMITATIONS
16.1 Execution of BTJX Instruction
Description
Executing a BTJx instruction jumps to a random
address in the following conditions: the jump goes
to a lower address (jump backward) and the test is
performed on a data located at the address
00FFh.
16.2
In-Circuit
Programming
of
devices
previously
programmed
with
Hardware
Watchdog option
Description
In-Circuit Programming of devices configured with
Hardware Watchdog (WDGSW bit in option byte 1
programmed to 0) requires certain precautions
(see below).
In-Circuit Programming uses ICC mode. In this
mode, the Hardware Watchdog is not automatical-
ly deactivated as one might expect. As a conse-
quence, internal resets are generated every 2 ms
by the watchdog, thus preventing programming.
The device factory configuration is Software
Watchdog so this issue is not seen with devices
that are programmed for the first time. For the
same reason, devices programmed by the user
with the Software Watchdog option are not impact-
ed.
The only devices impacted are those that have
previously been programmed with the Hardware
Watchdog option.
Workaround
Devices configured with Hardware Watchdog
must be programmed using a specific program-
ming mode that ignores the option byte settings. In
this mode, an external clock, normally provided by
the programming tool, has to be used. In ST tools,
this mode is called "ICP OPTIONS DISABLED".
Sockets on ST programming tools (such as
ST7MDT10-EPB) are controlled using "ICP OP-
TIONS DISABLED" mode. Devices can therefore
be reprogrammed by plugging them in the ST Pro-
gramming Board socket, whatever the watchdog
configuration.
When using third-party tools, please refer the
manufacturer's documentation to check how to ac-
cess specific programming modes. If a tool does
not have a mode that ignores the option byte set-
tings, devices programmed with the Hardware
watchdog option cannot be reprogrammed using
this tool.
16.3
In-Circuit
Debugging
with
Hardware
Watchdog
In Circuit Debugging is impacted in the same way
as In Circuit Programming by the activation of the
hardware watchdog in ICC mode. Please refer to
Section 16.2.
16.4 Recommendations when LVD is enabled
When the LVD is enabled, it is recommended not
to connect a pull-up resistor or capacitor. A 10nF
pull-down capacitor is required to filter noise on
the reset line.
16.5
Clearing
Active
Interrupts
Outside
Interrupt Routine
When an active interrupt request occurs at the
same time as the related flag or interrupt mask is
being cleared, the CC register may be corrupted.
Concurrent interrupt context
The symptom does not occur when the interrupts
are handled normally, i.e. when:
– The interrupt request is cleared (flag reset or in-
terrupt mask) within its own interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) within any interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) in any part of the code while this in-
terrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
Perform SIM and RIM operation before and after
resetting an active interrupt request
Ex:
SIM
reset flag or interrupt mask
RIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com