Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7-STICK45 Datasheet(PDF) 26 Page - STMicroelectronics

Part # ST7-STICK45
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7-STICK45 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button ST7-STICK45 Datasheet HTML 22Page - STMicroelectronics ST7-STICK45 Datasheet HTML 23Page - STMicroelectronics ST7-STICK45 Datasheet HTML 24Page - STMicroelectronics ST7-STICK45 Datasheet HTML 25Page - STMicroelectronics ST7-STICK45 Datasheet HTML 26Page - STMicroelectronics ST7-STICK45 Datasheet HTML 27Page - STMicroelectronics ST7-STICK45 Datasheet HTML 28Page - STMicroelectronics ST7-STICK45 Datasheet HTML 29Page - STMicroelectronics ST7-STICK45 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
26/124
SUPPLY, RESET AND CLOCK MANAGEMENT (Cont’d)
Figure 14. Clock Management Block Diagram
CR4
CR7
CR0
CR1
CR2
CR3
CR6
CR5
RCCR
Tunable
PLL 1MHz -> 8MHz
CLKIN
Option byte
PLL 1MHz -> 4MHz
fOSC
8MHz
4MHz
1MHz
0 to 8 MHz
MCCSR
SMS
MCO
MCO
fCPU
fCPU
TO CPU AND
PERIPHERALS
(1ms timebase @ 8 MHz fOSC)
/32 DIVIDER
fOSC
fOSC/32
fOSC
Oscillator
1% RC
fLTIMER
1
0
Option byte
LITE TIMER COUNTER
8-BIT
/2 DIVIDER
7
0
(except LITE
TIMER)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com