Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74V2T05 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74V2T05
Description  TRIPLE INVERTER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74V2T05 Datasheet(HTML) 1 Page - STMicroelectronics

  74V2T05 Datasheet HTML 1Page - STMicroelectronics 74V2T05 Datasheet HTML 2Page - STMicroelectronics 74V2T05 Datasheet HTML 3Page - STMicroelectronics 74V2T05 Datasheet HTML 4Page - STMicroelectronics 74V2T05 Datasheet HTML 5Page - STMicroelectronics 74V2T05 Datasheet HTML 6Page - STMicroelectronics 74V2T05 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
June 2003
s
HIGH SPEED: tPD = 5.4ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA =25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH =2V (MIN), VIL =0.8V (MAX)
s
POWER DOWN PROTECTION ON INPUT
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 4.5V to 5.5V
s
IMPROVED LATCH-UP IMMUNITY
DESCRIPTION
The 74V2T05 is an advanced high-speed CMOS
TRIPLE INVERTER (OPEN DRAIN)
fabricated
with sub-micron silicon gate and double-layer
metal wiring C2MOS technology.
The internal circuit is composed of 3 stages
including buffer output, which provide high noise
immunity and stable output.
Power down protection is provided on input and 0
to 7V can be accepted on input with no regard to
the supply voltage. This device can be used to
interface5V to3V.
74V2T05
TRIPLE INVERTER (OPEN DRAIN)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
T & R
SOT23-8L
74V2T05STR
SOT23-8L


Similar Part No. - 74V2T05

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74V2T00 STMICROELECTRONICS-74V2T00 Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T00STR STMICROELECTRONICS-74V2T00STR Datasheet
125Kb / 7P
DUAL 2-INPUT NAND GATE
2003-Jun
74V2T02 STMICROELECTRONICS-74V2T02 Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T02STR STMICROELECTRONICS-74V2T02STR Datasheet
128Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
74V2T03 STMICROELECTRONICS-74V2T03 Datasheet
128Kb / 7P
DUAL 2-INPUT OPEN DRAIN NAND GATE
Jun-2003
More results

Similar Description - 74V2T05

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
Triple Inverter
August, 2002 ??Rev. 2
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
TRIPLE INVERTER
Rev. 03-01 February 2005
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
TRIPLE INVERTER
Jun-2003
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AHC2GU04 TI1-SN74AHC2GU04 Datasheet
74Kb / 5P
TRIPLE INVERTER
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
Triple Inverter
March, 2015 ??Rev. 7
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
Triple inverter
Rev. 5 - 26 November 2018
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com