Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARMZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADA4522-2ARMZ
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARMZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADA4522-2ARMZ Datasheet HTML 24Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 25Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 26Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 27Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 28Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 29Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 30Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 31Page - Analog Devices ADA4522-2ARMZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 28 of 48
THEORY OF OPERATION
The ADA4522-1/ADA4522-2/ADA4522-4 are single, dual, and quad, ultralow noise, high voltage, zero drift, rail-to-rail
output operational amplifiers. They feature a chopping technique that offers an ultralow input offset voltage of 5 µV
and an input offset voltage drift of 22 nV/°C maximum for the ADA4522-1 and ADA4522-2 and 25 nV/°C maximum for
the ADA4522-4. Offset voltage errors due to common-mode voltage swings and power supply variations are also
corrected by the chopping technique, resulting in a superb typical CMRR figure of 160 dB and a PSRR figure of 160 dB
at a 30 V supply voltage.
The ADA4522-1/ADA4522-2/ADA4522-4 have wide operating voltages from ±2.25 V (or 4.5 V) to ±27.5 V (or 55 V). The
devices are single supply amplifiers, where their input voltage range includes the lower supply rail. They also offer
low voltage noise density of 5.8 nV/√Hz (at f = 1 kHz, AV= 100) and reduced 1/f noise component. These features are
ideal for the amplification of low level signals in high precision applications. A few examples of such applications are
weigh scales, high precision current sensing, high voltage buffers, and signal conditioning for temperature sensors,
among others.
Figure 71
shows the ADA4522-1/ADA4522-2/ADA4522-4 architecture block diagram. The architecture consists of an
input EMI filter and clamp circuitry, three gain stages (Gm1, Gm2, and Gm3), input and output chopping networks
(CHOPIN and CHOPOUT), a clock generator, offset and ripple correction loop circuitry, frequency compensation
capacitors (C1, C2, and C3), and thermal shutdown circuitry.
An EMI filter and clamp circuit is implemented at the input front end to protect the internal circuitry against
electrostatic discharge (ESD) stresses and high voltage transients. The ability of the amplifier to reject EMI is
explained in the EMI Rejection Ratio section.
CHOPIN and CHOPOUT are controlled by a clock generator and operate at 4.8 MHz. The input baseband signal is
initially modulated by CHOPIN. Next, CHOPOUT demodulates the input signal and modulates the millivolt level input
offset voltage and 1/f noise of the input transconductance amplifier, Gm1, to the chopping frequency at 4.8 MHz. The
chopping networks remove the low frequency errors, but, in return, the networks introduce chopping artifacts at the
chopping frequency. Therefore, a offset and ripple correction loop, operating at 800 kHz, is used. This frequency is
the switching frequency of the amplifier. This circuitry reduces chopping artifacts, allowing the ADA4522-1/ADA4522-
2/ADA4522-4 to have a high chopping frequency with minimal artifacts.
The thermal shutdown circuit shuts down the circuit when the die is overheated (see the Thermal Shutdown section
for more information).
Figure 71.ADA4522-1/ADA4522-2/ADA4522-4 Architecture Block Diagram
Gm1
Gm2
Gm3
EMI
FILTER
AND
CLAMP
THERMAL
SHUTDOWN
OFFSET
AND RIPPLE
CORRECTION
LOOP
+IN x
–IN x
CHOPIN
CHOPOUT
C3
OUT
C2
C1
4.8MHz CLOCKS
800kHz CLOCKS
CLOCK
GENERATOR
NOTES
1. THE INPUTS ARE +IN x/–IN x ON THE ADA4522-2 AND ADA4522-4,
AND +IN/–IN ON THE ADA4522-1.
2. THE OUTPUT IS OUT ON THE ADA4522-1 AND OUT x ON THE
ADA4522-2 AND ADA4522-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com