Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARMZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADA4522-2ARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARMZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADA4522-2ARMZ-R7 Datasheet HTML 38Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 39Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 40Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 41Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 42Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 43Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 44Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 45Page - Analog Devices ADA4522-2ARMZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 42 of 48
Figure 88.Supply Current (ISY) per Dual Amplifier vs. Supply Voltage (VSY) (ADA4522-1/ADA4522-2/ADA4522-4 as a Comparator)
Note that 10 kΩ resistors are used in series with the input of the op amp. If smaller resistor values are used, the supply
current of the system increases much more. For more details on op amps as comparators, see the AN-849 Application
Note
, Using Op Amps as Comparators.
Use of Large Source Resistance
The ADA4522-1/ADA4522-2/ADA4522-4 are designed to work with low value source resistance. Note that the amplifier
has an ultralow voltage noise density of 6 nV/√Hz. A 1 kΩ resistor contributes 4 nV/√Hz; therefore, placing a 1 kΩ
resistor at the input increases total noise to 7.2 nV/√Hz. For this noise reason, it is recommended to avoid using large
source resistance.
Unity Gain Follower with Large Source Resistance
When the ADA4522-1/ADA4522-2/ADA4522-4 are configured in a unity-gain follower configuration with a large source
resistance and slow power supply ramp rate, the amplifier output may rail to the positive supply.
Figure 89.Insert RF When Large RS is Use
Workaround
To avoid the amplifier output railing to the positive supply, implement one of the following actions (see Table 11
and Figure 89):
Reduce the value of the source resistance (RS).
Insert a feedback resistor (RF).
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
6
12
18
24
30
4
10
16
22
28
2
8
14
20
26
VSY (V)
ISY+
ISY–
ADA4522-1/
ADA4522-2/
ADA4522-4
+VSY
RF
RS
VOUT
–VSY
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com