Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2WARMZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADA4522-2WARMZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2WARMZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADA4522-2WARMZ-R7 Datasheet HTML 28Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 29Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 30Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 31Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 32Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 33Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 34Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 35Page - Analog Devices ADA4522-2WARMZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 32 of 48
Figure 74.Large Signal Transient Response Example
Figure 75.Circuit Diagram for Large Signal Transient Response
Case 2
If the external source resistance is high or if the input step function is small, the maximum output current is limited
to the instantaneous difference between the input signal and amplifier output voltage (which is the change in the
step function) divided by the source resistance. This maximum output current is less than the amplifier output
short-circuit current. The maximum differential voltage between the input signal and the amplifier output is then
equal to the step function. The output voltage slews until it reaches its desired output.
Therefore, if desired, reduce the input current by adding a larger external resistor between the signal source and
the noninverting input. Similarly, to reduce output current, add an external resistor to the feedback loop between
the inverting input and output. This large signal transient response issue is typically not a problem when the
amplifier is configured in closed-loop gain, where the input signal source is usually much smaller and the gain and
feedback resistors limit the current.
Back to back diodes are also implemented in many other amplifiers; these amplifiers show similar slewing
behavior.
Noise Considerations
1/f Noise
1/f noise, also known as pink noise or flicker noise, is inherent in semiconductor devices and increases as frequency
decreases. At a low frequency, 1/f noise is a major noise contributor and causes a significant output voltage offset
when amplified by the noise gain of the circuit. However, because the low frequency 1/f noise appears as a slow
varying offset to the ADA4522-1/ADA4522-2/ADA4522-4, it is effectively reduced by the chopping technique. This
technique allows the ADA4522-1/ADA4522-2/ADA4522-4 to have a much lower noise at dc and low frequency in
30
–30
–20
–10
0
10
20
TIME (10µs/DIV)
VSY = ±27.5V
RS_IN–
100Ω
RS_IN+
100Ω
VSY+
VSY–
ADA4522-1/
ADA4522-2/
ADA4522-4
100pF
10kΩ
VOUT
VIN = 50V p-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com