Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4522-2ARZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4522-2ARZ-R7
Description  55 V, EMI Enhanced, Zero Drift, Ultralow Noise, Rail-to-Rail Output Operational Amplifiers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4522-2ARZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4522-2ARZ-R7 Datasheet HTML 10Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 11Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 12Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 13Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 14Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 15Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 16Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 17Page - Analog Devices ADA4522-2ARZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Data Sheet
ADA4522-1/ADA4522-
2/ADA4522-4
analog.com
Rev I 14 of 48
ABSOLUTE MAXIMUM RATINGS
TA = 25°C unless otherwise specified.
Table 5. Absolute Maximum Ratings
PARAMETER
RATING
Supply Voltage
60 V
Input Voltage
(V-) - 300 mV to (V+) + 300 mV
Input Current1
±10 mA
Differential Input Voltage
±5 V
Output Short-Circuit Duration to Ground
Indefinite
Temperature Range
Storage
Operating
Junction
-65°C to +150°C
-40°C to +125°C
-65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
1
1
The input pins have clamp diodes to the power supply pins. Limit the input current to ±10 mA or less whenever input signals
exceed the power supply rail by 300 mV.
Stresses at or above those listed under Absolute Maximum Ratings may cause permanent damage to the product.
This is a stress rating only; functional operation of the product at these or any other conditions above those
indicated in the operational section of this specification is not implied. Operation beyond the maximum operating
conditions for extended periods may affect product reliability.
Thermal Resistance
θJA
is specified for the worst case conditions, that is, a device soldered in a circuit board for surface-mount
packages using a standard 4-layer JEDEC board.
Table 6. Thermal Resistance
PACKAGE TYPE
θJA
θJC
UNIT
RM-8
194
38
°C/W
R-8
122
41
°C/W
RU-14
112
43
°C/W
R-14
115
36
°C/W
Power Sequencing
Apply the op amp supplies simultaneously; if not possible, apply the positive supply before the negative supply.
ESD Caution
ESD (electrostatic discharge) sensitive device. Charged devices and circuit boards can discharge
without detection. Although this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD. Therefore, proper ESD precautions
should be taken to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com