Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N3055.. Datasheet(PDF) 3 Page - Multicomp Pro

Part # 2N3055..
Description  Transistor NPN, TO-3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

2N3055.. Datasheet(HTML) 3 Page - Multicomp Pro

  2N3055.. Datasheet HTML 1Page - Multicomp Pro 2N3055.. Datasheet HTML 2Page - Multicomp Pro 2N3055.. Datasheet HTML 3Page - Multicomp Pro 2N3055.. Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page <3>
V1.0
16/09/19
Transistor
NPN, TO-3
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
There are two limitation on the power handling ability of a transistor: average junction temperature and second breakdown safe
operating area curves indicate Ic-Vce limits of the transistor that must be observed for reliable operation i.e., the transistor must
not be subjected to greater dissipation than curves indicate. The data of SOA curve is base on Tj(pk) = 200°C; TC is variable
depending on conditions. Second breakdown pulse limits are valid for duty cycles to 10% provided Tj(pk) = 200°C, At high
case temperatures, thermal limitation will reduce the power that can be handled to values less than the limitations imposed by
second breakdown.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com