Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6514/883 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HM-6514/883
Description  1024 x 4 CMOS RAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM-6514/883 Datasheet(HTML) 8 Page - Renesas Technology Corp

  HM-6514/883 Datasheet HTML 1Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 2Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 3Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 4Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 5Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 6Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 7Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 8Page - Renesas Technology Corp HM-6514/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HM-6514/883
FN2996 Rev.1.00
Page 8 of 9
March 1997
Test Load Circuit
NOTE:
1. Test head capacitance.
Burn-In Circuit
HM6514/883 CERDIP
NOTES:
All resistors 47k
 5%.
F0 = 100kHz
10%.
F1 = F0
 2, F2 = F1  2, F3 = F2  2 . . . F12 = F11  2.
VCC = 5.5V
0.5V.
VIH = 4.5V
10%.
VIL = -0.2V to +0.4V.
C1 = 0.01
F Min.
DUT
1.5V
IOL
IOH
+
-
(NOTE 1) CL
EQUIVALENT CIRCUIT
10
11
12
13
14
15
16
17
18
9
8
7
6
5
4
3
2
1
A6
A5
A4
A3
A0
A1
A2
GND
VCC
A8
A9
DQ0
DQ1
DQ2
DQ3
A7
F9
F8
F7
F4
F3
F6
F5
F0
C1
VCC
F10
F11
F12
F2
F1
W
E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com