Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6617/883 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HM-6617/883
Description  2K x 8 CMOS PROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM-6617/883 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HM-6617/883 Datasheet HTML 1Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 2Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 3Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 4Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 5Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 6Page - Renesas Technology Corp HM-6617/883 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HM-6617/883
FN3016 Rev.3.00
Page 4 of 7
June 2004
Read Cycle Time
TELEL
VCC = 4.5V and 5.5V
9, 10, 11
-55oC
 TA  +125oC
160
-
ns
NOTES:
1. All voltages referenced to Device GND.
2. AC measurements assume transition time
 5ns; input levels = 0.0V to 3.0V; timing reference levels = 1.5V; output load = 1TTL
equivalent load and CL
 50pF.
3. Typical derating = 5mA/MHz increase in ICCOP.
4. All tests performed with P hardwired to VCC.
5. TAVQV = TELQV + TAVEL.
6. Tested as follows: f = 1MHz, VIH = 2.4V, VIL = 0.8V, IOH = -1mA, IOL = +1mA, VOH
 1.5V, VOL  1.5V.
TABLE 3. HM-6617/883 AC AND DC ELECTRICAL PERFORMANCE SPECIFICATIONS
PARAMETER
SYMBOL
(NOTES 1, 2)
CONDITIONS
NOTES
TEMPERATURE
LIMITS
HM-6617/883
UNITS
MIN
MAX
Input Capacitance
CIN
VCC = Open, f = 1MHz, All Measurements
Referenced to Device GND
2+25oC
-
10
pF
I/O Capacitance
CI/O
VCC = Open, f = 1MHz, All Measurements
Referenced to Device GND
2+25oC
-
12
pF
Chip Enable Time
TELQX
VCC = 4.5V and 5.5V
2
-55oC
 TA  +125oC5
-
ns
Output Enable Time
TGLQX
VCC = 4.5V and 5.5V
2
-55oC
 TA  +125oC5
-
ns
Chip Disable Time
TEHQZ
VCC = 4.5V and 5.5V
2
-55oC
 TA  +125oC
-
50
ns
Output Disable Time
TGHQZ
VCC = 4.5V and 5.5V
2
-55oC
 TA  +125oC
-
50
ns
Output High Voltage
VOH2
VCC = 4.5V, IO = 100
A2
-55oC
 TA  +125oCVCC-
1V
-V
NOTES:
1. All tests performed with P hardwired to VCC.
2. The parameters listed in Table 3 are controlled via design or process parameters and are not directly tested. These parameters are char-
acterized upon initial design changes which would affect these characteristics.
TABLE 4. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%/5004
1
Final Test
100%/5004
2, 3, 8A, 8B, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C & D
Samples/5005
1, 7, 9
TABLE 2. HM-6617/883 AC ELECTRICAL PERFORMANCE SPECIFICATIONS (Continued)
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
(NOTES 1, 2, 4)
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
HM-6617/883
UNITS
MIN
MAX



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com