Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM-6642/883 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HM-6642/883
Description  512 x 8 CMOS PROM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM-6642/883 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HM-6642/883 Datasheet HTML 1Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 2Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 3Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 4Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 5Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 6Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 7Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 8Page - Renesas Technology Corp HM-6642/883 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HM-6642/883
FN3013 Rev.2.00
Page 4 of 9
March 2004
TABLE 3. APPLICABLE SUBGROUPS
CONFORMANCE GROUPS
METHOD
SUBGROUPS
Initial Test
100%/5004
-
Interim Test
100%/5004
1, 7, 9
PDA
100%/5004
1
Final Test
100%/5004
2, 3, 7, 8A, 8B, 10, 11
Group A
Samples/5005
1, 2, 3, 7, 8A, 8B, 9, 10, 11
Groups C & D
Samples/5005
1, 7, 9
Switching Waveform
NOTE: G has the same timing as G except signal is inverted.
FIGURE 1. READ CYCLE
Test Load Circuit
FIGURE 2. TEST LOAD CIRCUIT
TGXQZ
TEHEL
TAVEL
TELEL
TELEH
TELQV
TGVQV
TGVQX
TELAX
TEHEL
TGXQZ
A
E
Q
G
TIME
(NOTE)
REFERENCE
TAVEL
TAVQV
ADD VALID
DATA VALID
NEXT ADD
-1
0
1
2
3
456
DUT
EQUIVALENT CIRCUIT
1.5V
IOL
IOH
CL
CAPACITANCE,
INCLUDES STRAY
AND JIG CAPACITANCE
±
(NOTE)
TEST HEAD
NOTE:



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com