Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116CP Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 116CP
Description  PRESSURE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

116CP Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  116CP Datasheet HTML 1Page - Sensata Technologies, Inc. 116CP Datasheet HTML 2Page - Sensata Technologies, Inc. 116CP Datasheet HTML 3Page - Sensata Technologies, Inc. 116CP Datasheet HTML 4Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
sensata.com
Copyright © 2024 Sensata Technologies, Inc.
| 116CP / 126CP SERIES
PRESSURE SENSOR
SPECIFICATIONS
Features
Applications
• Multiple port & Connector options
• High accuracy: +/-1.5%V
S
• Small & compact size
• 100% automated calibration
• REACH/RoHS/CE compliant
• Drinking water safe options available (126CP only)
Utilizing Sensata’s industry leading ceramic capacitive technology, the 116CP / 126CP is housed in a small and innovative plastic package
ideal for boilers, pumps, and other light industrial applications.
The 116CP / 126CP is offered in a wide range of configurations including various pressure ports, electrical outputs and pressure ranges
from 0-4 to 0-16 bar.
• Boilers
• Heat pumps
• Residential booster pumps
• Lawn & Pool pumps
• Circulator pumps
• Pump controllers
• Food & Beverage equipment
Supply Voltage
5VDC (ratiometric)
Output Voltage
Commonly 0.5 to 3.5V or 0.5 to 4.5V (Others available under ordering options)
Supply Current
8.0mA
Output Current
5.0mA (max)
Output Load
10kOhm pull down
Output Response Time
<10ms
Overvoltage Protection
±40V
Reverse Voltage
-14V
Short Circuit Protection
Up to 40V
EMC
EMC Conforms to EN 61326-2-3 for sensors
ESD
Conforms to IEC 61000-4-2 Level 3, 4kV contact / 8kV air
Pressure Ranges
0-4 to 0-16bar (0-60 to 0-232 PSI)
Electrical


Similar Part No. - 116CP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
116 RENESAS-116 Datasheet
798Kb / 50P
RENESAS MCU
logo
Aries Electronics, Inc.
116 ARIES-116 Datasheet
300Kb / 1P
Point-to-point Wiring
logo
Fluke Corporation
116 FLUKE-116 Datasheet
771Kb / 2P
Built in thermometer for HVAC applications
logo
RUKO GmbH Präzisionswe...
116 010 RUKO-116 010 Datasheet
1Mb / 6P
ROTARY BURRS
116 011 RUKO-116 011 Datasheet
1Mb / 6P
ROTARY BURRS
More results

Similar Description - 116CP

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8035533 FESTO-8035533 Datasheet
108Kb / 2P
Pressure sensor
8114766 FESTO-8114766 Datasheet
86Kb / 2P
Pressure sensor
8114771 FESTO-8114771 Datasheet
78Kb / 2P
Pressure sensor
SDE5-D10-C3-Q6E-P-K FESTO-SDE5-D10-C3-Q6E-P-K Datasheet
79Kb / 2P
Pressure sensor
SDE5-D10-C-Q4E-P-M8 FESTO-SDE5-D10-C-Q4E-P-M8 Datasheet
81Kb / 2P
Pressure sensor
SDE5-D10-C-Q6E-P-M8 FESTO-SDE5-D10-C-Q6E-P-M8 Datasheet
82Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-K FESTO-SDE5-D10-NF-Q6E-V-K Datasheet
93Kb / 2P
Pressure sensor
SDE5-D10-NF-Q6E-V-M8 FESTO-SDE5-D10-NF-Q6E-V-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-D10-O-Q6E-P-M8 FESTO-SDE5-D10-O-Q6E-P-M8 Datasheet
99Kb / 2P
Pressure sensor
SDE5-V1-NF-Q6-V-M8 FESTO-SDE5-V1-NF-Q6-V-M8 Datasheet
98Kb / 2P
Pressure sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com