Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC94A04AFG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC94A04AFG
Description  1 chip Audio Digital Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC94A04AFG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC94A04AFG Datasheet HTML 9Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 10Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 11Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 12Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 13Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 14Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 15Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 16Page - Toshiba Semiconductor TC94A04AFG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TC94A04AFG/AFDG
2005-09-28
13
2.2.3 Setting RAM (ACMP mode)
In ACMP mode, the TC94A04AFG/AFDG does not write data directly to coefficient RAM (CRAM) or offset RAM (OFRAM). In this mode, data must be written
to the interface buffer RAM (IFB-RAM). Then, all the data are updated together in a period of 1 fs.
For example, if a signal flow filter is designed as in the following diagram, unless the K1 to K5 data are batch-updated, the circuit may resonate. The same
applies to the K6 to K10 data.
Using ACMP mode can reduce the noise caused by updating coefficients while the TC94A04AFG/AFDG is operating.
IFB-RAM is 32-word memory. Therefore, data can be updated at one time in units of up to 32-words.
The length of the data field is 2 × n bytes, where n <= 32.
In addition, operation at the time of transmitting other commands, before package rewriting of the data by ACMP mode was completed cannot be guaranteed.
Please set up again after initializing by RST terminal or the initialization command.
MCU-I/F
IFB-RAM
CRAM
Write one by one・・・
Update for 1 fs
K6
K1
K2
K3
K4
K5
K7
K8
K9
K10
+
+
CS
IFDI
IFCK
C3
C2
C5
C4
C7
C6
C1
C0
A3
A2
A5
A4
A7
A6
A1
A0
RA3
RA2
RA5
RA4
RA7
RA6
RA1
RA0
Cn: COMMAND
An: I
2
C address
RAn: RAM-ADDRESS
Dn: Data
(MCU
→)
start
32h
HZ
HZ
HZ
end
RA11
RA10
RA13
RA12
RA15
RA14
RA9
RA8
D11
D10
D13
D12
D15
D14
D9
D8
HZ
HZ
HZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com