Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWD2425 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # CWD2425
Description  PANEL MOUNT SOLID STATE RELAYS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

CWD2425 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  CWD2425 Datasheet HTML 1Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 2Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 3Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 4Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 5Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 6Page - Sensata Technologies, Inc. CWD2425 Datasheet HTML 7Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
www.sensata.com
Copyright © 2020 Sensata Technologies, Inc.
Control Voltage
10 A
25 A
50 A
90 A
125 A
3-32 VDC
CWD2410
CWD2425
CWD2450
CWD2490
CWD24125
90-280 VAC
CWA2410
CWA2425
CWA2450
CWA2490
CWA24125
18-36 VAC
CWA2410E
CWA2425E
CWA2450E
CWA2490E
CWA24125E
20-48 VDC/20-280 VAC
CWU2410
CWU2425
CWU2450
CWU2490
CWU24125
CW SERIES | 240 VAC
PANEL MOUNT SOLID STATE RELAYS
Features
• Ratings from 10 A to 125 A @ 24-280 VAC
• SCR Output for heavy industrial loads
• LED Status Indicator
• UL/CSA/TUV Approved, CE Compliant to EN60950-1
• Improved SEMS screw and washer
• Redesigned housing with anti-rotation barriers
• AC or DC control and Universal AC/DC control
• EMC Compliant to Level 3
• Epoxy Free Design
• Removable IP20 touch-safe cover
• DBC substrate for superior thermal performance
PRODUCT SELECTION
SPECIFICATIONS
Description
10 A
25 A
50 A
90 A
125 A
Operating Voltage (47-440Hz) [Vrms]
24-280
24-280
24-280
24-280
24-280
Transient Overvoltage [Vpk] (2)
600
600
600
600
600
Maximum Off-State Leakage Current @ Rated Voltage
[mArms]
1
1
1
1
1
Minimum Off-State dv/dt @ Maximum Rated Voltage [V/μsec]
500
500
500
500
500
Maximum Load Current [Arms] (3)
10
25
50
90
125
Minimum Load Current [Arms]
150
150
150
250
250
Maximum 1 Cycle Surge Current (50/60Hz) [Apk]
380/400
570/600
810/850
1290/1350
1900/2000
Maximum On-State Voltage Drop @ Rated Current [Vpk]
1.3
1.3
1.3
1.3
1.25
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.35
0.3
0.2
0.16
0.11
Maximum 1/2 Cycle I² t for Fusing (50/60Hz, 1/2 cycle) [A² sec]
720/660
1620/1500
3280/3000
8320/7560
18000/16600
Output (1)
The Sensata | Crydom CW Series Panel Mount AC output Solid State Relays offer a back-to-back SCR output for reliable switching of commercial
and heavy industrial loads. This type of high performing SSR is available with output ratings from 10 Amps up to 125 Amps at 24 to 280 VAC.
The CW Series panel mount solid state relay includes a removable IP20 “touch-safe” cover for added safety and is also available with zero voltage
turn-on (for resistive loads) or instantaneous turn-on (for inductive loads) outputs.


Similar Part No. - CWD2425

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
CWD2425 CRYDOM-CWD2425 Datasheet
602Kb / 5P
Panel Mount
CWD2425 CRYDOM-CWD2425 Datasheet
1Mb / 20P
THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
CWD2425 CRYDOM-CWD2425 Datasheet
913Kb / 6P
panel mount
logo
Sensata Technologies, I...
CWD2425 SENSATA-CWD2425 Datasheet
555Kb / 7P
PANEL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
CWD2425-10 CRYDOM-CWD2425-10 Datasheet
602Kb / 5P
Panel Mount
More results

Similar Description - CWD2425

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
Solid-State Relays
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
Solid-State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
Solid State Relays
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
Solid State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
Solid-State Relays
logo
List of Unclassifed Man...
RSSDN-10A ETC2-RSSDN-10A Datasheet
221Kb / 4P
RSS Series-Panel Mount Solid State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
Solid State Relays
logo
Sensata Technologies, I...
CX-SERIES SENSATA-CX-SERIES Datasheet
304Kb / 5P
PCB MOUNT SOLID STATE RELAYS
Rev. B
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com