Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPH40FD2 Datasheet(PDF) 27 Page - International Rectifier

Part # IRGPH40FD2
Description  Fit Rate / Equivalent Device Hours
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPH40FD2 Datasheet(HTML) 27 Page - International Rectifier

Back Button IRGPH40FD2 Datasheet HTML 23Page - International Rectifier IRGPH40FD2 Datasheet HTML 24Page - International Rectifier IRGPH40FD2 Datasheet HTML 25Page - International Rectifier IRGPH40FD2 Datasheet HTML 26Page - International Rectifier IRGPH40FD2 Datasheet HTML 27Page - International Rectifier IRGPH40FD2 Datasheet HTML 28Page - International Rectifier IRGPH40FD2 Datasheet HTML 29Page - International Rectifier IRGPH40FD2 Datasheet HTML 30Page - International Rectifier IRGPH40FD2 Datasheet HTML 31Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
TEMPERATURE CYCLING (T/C) Unbiased
Conditions
Temperature:
Tmin = - 55°C
Tmax = + 150°C
Bias:
Unbiased
Duration:
2000 Cycles
Test points:
250,500,1000,1500,2000 Nominal
Purpose
Failure Modes
Sensitive Parameters
ICES,V(BR)CES, RθJC,VCE(on)
Temperature Cycling simulates the extremes of thermal stresses which devices will
encounter in the actual circuit applications in combination with potentially extreme
operating ambient temperatures. Some equipment is destined to be used in extreme
environments, and subject to daily temperature cycles.
The primary failure mode for temperature cycling is a thermal fatigue of the silicon / metal
interfaces and metal / metal interfaces. The fatigue results from thermomechanical
stresses due to heating and cooling and will cause electrical or thermal performance to
degrade.
If the degradation occurs at the header / die interface, then the thermal impedance, RθJC
will begin to increase well before any electrical effect is seen.
If the degradation occurs at the wire bond / die interface or the wire bond / bond post
interface, then on resistance, VCE(on), will slowly increase or become unstable with time.
The thermal impedance, when measured during this time, may appear to decrease or
change erratically.
The mechanical stresses from the temperature can also propagate fractures in the silicon
when the die is thermally mismatched to the solder / heat sink system. These fractures
will manifest themselves in the form of shorted gates or degraded breakdown
characteristics (V(BR)CES)
IGBT / CoPack
Quarterly Reliability Report
Page 27 of 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com