Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D484 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # D484
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

D484 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  D484 Datasheet HTML 1Page - Alpha & Omega Semiconductors D484 Datasheet HTML 2Page - Alpha & Omega Semiconductors D484 Datasheet HTML 3Page - Alpha & Omega Semiconductors D484 Datasheet HTML 4Page - Alpha & Omega Semiconductors D484 Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
17
25
55
60
RθJC
2.3
3
W
Maximum Junction-to-Case
B
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
Maximum Junction-to-Ambient
A
Steady-State
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
30
Pulsed Drain Current
C
Power Dissipation
B
TC=25°C
Continuous Drain
Current
G
Maximum
Units
Parameter
TC=25°C
TC=100°C
ID
25
25
80
Junction and Storage Temperature Range
A
PD
°C
50
25
-55 to 175
TC=100°C
Avalanche Current
C
15
Repetitive avalanche energy L=0.3mH
C
33
A
mJ
W
TA=70°C
1.3
Power Dissipation
A
TA=25°C
PDSM
2.1
AOD484
N-Channel Enhancement Mode Field Effect Transistor
Features
VDS (V) = 30V
ID = 25 A (VGS = 10V)
RDS(ON) < 15 mΩ (VGS = 10V)
RDS(ON) < 23 mΩ (VGS = 4.5V)
UIS Tested!
General Description
The AOD484 uses advanced trench technology and
design to provide excellent RDS(ON) with low gate
charge. This device is suitable for use in PWM, load
switching and general purpose applications.
Standard Product AOD484 is Pb-free (meets ROHS
& Sony 259 specifications). AOD484L is a Green
Product ordering option. AOD484 and AOD484L
are electrically identical.
G
D
S
G
D
S
TO-252
D-PAK
Top View
Drain Connected to
Tab
Alpha & Omega Semiconductor, Ltd.


Similar Part No. - D484

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D4840 CRYDOM-D4840 Datasheet
933Kb / 7P
Panel Mount
D4840-10 CRYDOM-D4840-10 Datasheet
746Kb / 7P
Series 1 480 VAC
More results

Similar Description - D484

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com