Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772A Datasheet(PDF) 39 Page - ASIX Electronics Corporation

Part # AX88772A
Description  USB 2.0 to 10/100M Fast Ethernet Controller
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772A Datasheet(HTML) 39 Page - ASIX Electronics Corporation

Back Button AX88772A Datasheet HTML 35Page - ASIX Electronics Corporation AX88772A Datasheet HTML 36Page - ASIX Electronics Corporation AX88772A Datasheet HTML 37Page - ASIX Electronics Corporation AX88772A Datasheet HTML 38Page - ASIX Electronics Corporation AX88772A Datasheet HTML 39Page - ASIX Electronics Corporation AX88772A Datasheet HTML 40Page - ASIX Electronics Corporation AX88772A Datasheet HTML 41Page - ASIX Electronics Corporation AX88772A Datasheet HTML 42Page - ASIX Electronics Corporation AX88772A Datasheet HTML 43Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
ASIX ELECTRONICS CORPORATION
39
AX88772A/AX88172A
Low-pin-count
USB 2.0 to 10/100M Fast Ethernet Controller
Dynamic Characteristic for Analog I/O Pins (DP/DM):
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver Characteristic
High-Speed Mode
tHSR
High-speed differential rise time -
500
-
-
ps
tHSF
High-speed differential fall time -
500
-
-
ps
Full-Speed Mode
tFR
Rise time of DP/DM
CL=50pF; 10 to 90% of
|VOH - VOL|
4
-
20
ns
tFF
Fall time of DP/DM
CL=50pF; 90 to 10% of
|VOH - VOL|
4
-
20
ns
tFRMA
Differential rise/fall time
matching (
tFR / tFF)
Excluding the first transition
from idle mode
90
-
110
%
VCRS
Output signal crossover voltage Excluding the first transition
from idle mode
1.3
-
2.0
V
Driver Timing
High-Speed Mode
Driver waveform requirement
See eye pattern of template 1
Follow template 1 described in USB
rev 2.0 spec.
(http://www.usb.org/developers/docs
)
Full-Speed Mode
VI, FSE 0, OE to DP, DN
Propagation delay
For detailed description of VI,
FSE 0 and OE, please refer to
USB rev 1.1specification.
-
-
15
ns
Receiver Timing
High-Speed Mode
Data source jitter and receiver
jitter tolerance
See eye pattern of template 4
Follow template 4 described in USB
rev 2.0 spec.
(http://www.usb.org/developers/docs
)
Full-Speed Mode
tPLH(rcv)
tPHL (rcv)
Receiver propagation delay
(DP; DM to RCV)
For detailed description of
RCV, please refer to USB rev
1.1specification.
-
-
15
(Note)
ns
tPLH(single)
tPHL(single)
Receiver propagation delay
(DP; DM to VOP, VON)
-
-
-
15
(Note)
ns
Note: Full-Speed Timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com