Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 29 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 29 Page - ASIX Electronics Corporation

Back Button AX88780_07 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780_07 Datasheet HTML 33Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
AX88780
29
ASIX ELECTRONICS CORPORATION
4.31 GPIO_CTRL--GPIO Control Register
Offset Address = 0xFC8C
Default = 0x0000_0003
Field
Name
Type
Default
Description
31:10
-
R
All 0’s
Reserved
9
GPIO1S
R/W
0
GPIO1 Status
This bit stands for the pin status of GPIO1 when it is set to input mode.
1 = high state
0 = low state
8
GPIO0S
R/W
0
GPIO0 Status
This bit stands for the pin status of GPIO0 when it is set to input mode.
1 = high state
0 = low state
7:2
-
R
All 0’s
Reserved
1
GPIO1DIR R/W
1
GPIO1 Mode Direction
This field defines the direction of GPIO1 pin.
1 = input mode
0 = output mode
0
GPIO0DIR R/W
1
GPIO0 Mode Direction
This field defines the direction of GPIO pin.
1 = input mode
0 = output mode
Note: For output mode, software must firstly set the bit0 or bit1 to output mode then set bit8 or bit9.
4.32 RXINDICATOR--Receive Indicator Register
Offset Address= 0xFC90
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:1
-
R
All 0’s
Reserved
0
RXSTART R/W
0
Receive Start
Driver set this bit to start or end receive operation from RX buffer of MAC.
1= Start read RX buffer
0= End read RX buffer
4.33 TXST--TX Status Register
Offset Address = 0xFC94
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:4
-
R
All 0’s
Reserved
3
TXD3FAIL R
0
TX Descriptor3 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor 3.
This bit will be self-cleared when driver reads TXST register.
2
TXD2FAIL R
0
TX Descriptor2 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor 2.
This bit will be self-cleared when driver reads TXST register.
1
TXD1FAIL R
0
TX Descriptor1 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor 1.
This bit will be self-cleared when driver reads TXST register.
0
TXD0FAIL R
0
TX Descriptor0 Transmit Fail
When this bit is set 1, it means MAC fails in transmission of descriptor 0.
This bit will be self-cleared when driver reads TXST register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com