Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88796BLI Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX88796BLI
Description  Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88796BLI Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX88796BLI Datasheet HTML 23Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 24Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 25Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 26Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 27Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 28Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 29Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 30Page - ASIX Electronics Corporation AX88796BLI Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 82 page
background image
ASIX ELECTRONICS CORPORATION
27
AX88796BLF / AX88796BLI
4.4.2 Half-Duplex Flow Control
Whenever the receive buffer becomes full crosses a certain threshold level, The MAC starts sending a Jam signal,
which will result in a collision. After sensing the collision, the remote station will back off its transmit ion.
AX88796B only generate this collision-based of back-pressure when it receives a new frame, in order to avoid any
late collisions.
A programmable of “Back-pressure Jam Limit count” (Offset 17h) is used for avoid HUB port partition due to many
continues of collisions. AX88796B will reset the “Back-pressure Jam Limit count” when either a transmitted or
received frame without collision. A back-pressure leakage allow when senses continue of collisions count up to
“Back-pressure Jam Limit count”, it will be no jamming one of receive frame even receive buffer is full.
4.5 Big- and Little-endian Support
AX88796B supports “Big-“ or “Little-endian” processor. To support big-endian processors, the hardware designer
must explicitly invert the layout of the byte lanes. In addition, for a 16-bit interface, the big-endian register must be
set correctly following the table below.
Additionally, please refer to Big-endian register (offset 1Eh), for additional information on status indication on big-
or little-endian modes.
MODE OFOPERATION AX88796B DATA PINS
DESCRIPTION
SD[15:8]
SD[7:0]
Mode 0 Big-endian register (offset 1Eh) not equal to 0x0000h
Even access
Byte3
Byte2
Odd access
Byte1
Byte0
This mode can be used by 32-bit processors
operating with an external 16-bit bus.
Mode 0 Little-endian register (offset 1Eh) equal to 0x0000h (default)
Even access
Byte1
Byte0
Odd access
Byte3
Byte2
This mode can also be used by native 16-bit
processors.
Tab - 11 Byte Lane Mapping
AX88796B’s 16-bit Data Port (DP) read/write like a FIFO not rely on address pin. The “Even access” means the
first of access Data Port (DP) behind of remote read/write Command Register (CR). The second time access Data
Port (DP) is “Odd access” and then next is “Even access”, and so on.
Host can read bit-7 in “Device Status Register” (Offset 17h) to know the current of big- or little-endian types. The
default is Little-endian mode.
4.6 General Purpose Timer (GP Timer)
The programmable General Purpose Timer can be used to generate periodic host interrupts and the resolution of this
timer is 100us.
The GP timer is a 16-bit of register. GPT1 (CR page3 offset 0Fh) and GPT0 (CR page3 offset 0Eh) to compost this
16-bit of General Purpose Timer. This GP timer field of default value is FFFFh. Once set the General Purpose
Timer Enable (CR page3 Offset 0Dh) the GPT counts down until it reaches 0000h then update the a new pre-load
value into GPT, and continues counting.
The GPT interrupt has no status indicate in Interrupt Status Register (CR page0 offset 07h). The interrupt event will
keep active until host driver read Interrupt Status Register (CR page0 offset 07h) then clear GPT interrupt event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com