Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWCSLPM1.TG Datasheet(PDF) 7 Page - ams-OSRAM AG

Part # KWCSLPM1.TG
Description  OSRAM OSTAR® Projection Compact
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KWCSLPM1.TG Datasheet(HTML) 7 Page - ams-OSRAM AG

Back Button KWCSLPM1.TG Datasheet HTML 3Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 4Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 5Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 6Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 7Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 8Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 9Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 10Page - ams-OSRAM AG KWCSLPM1.TG Datasheet HTML 11Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
KW CSLPM1.TG
DATASHEET
DATASHEET
7 | Version 1.6 | 2025-01-13
Chromaticity Coordinate Groups 4)
0,0
0,2
0,4
0,6
Cx
0,0
0,2
0,4
0,6
0,8
Cy
400 -
380 nm
500 nm
550 nm
600 nm
700 -
750 nm
0,310
0,315
0,320
0,325
0,330
0,335
Cx
0,31
0,32
0,33
0,34
0,35
0,36
Cy
ebvF46
ebxD46
ebzB46
fcbB46
Chromaticity Coordinate Groups 4)
Group
Cx
Cy
ebvF46
0.3104
0.3234
0.3199
0.3325
0.3212
0.3175
0.3127
0.3093
ebxD46
0.3145
0.3330
0.3246
0.3424
0.3253
0.3266
0.3163
0.3181
Group
Cx
Cy
ebzB46
0.3190
0.3430
0.3298
0.3526
0.3299
0.3361
0.3203
0.3274
fcbB46
0.3241
0.3534
0.3355
0.3633
0.3350
0.3460
0.3248
0.3370



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com