Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88772 Datasheet(PDF) 7 Page - ASIX Electronics Corporation

Part # AX88772
Description  USB to 10/100 Fast Ethernet/HomePNA Controller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88772 Datasheet(HTML) 7 Page - ASIX Electronics Corporation

Back Button AX88772 Datasheet HTML 3Page - ASIX Electronics Corporation AX88772 Datasheet HTML 4Page - ASIX Electronics Corporation AX88772 Datasheet HTML 5Page - ASIX Electronics Corporation AX88772 Datasheet HTML 6Page - ASIX Electronics Corporation AX88772 Datasheet HTML 7Page - ASIX Electronics Corporation AX88772 Datasheet HTML 8Page - ASIX Electronics Corporation AX88772 Datasheet HTML 9Page - ASIX Electronics Corporation AX88772 Datasheet HTML 10Page - ASIX Electronics Corporation AX88772 Datasheet HTML 11Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ASIX ELECTRONICS CORPORATION
7
AX88772
USB to 10/100 Fast Ethernet/HomePNA Controller
CRS
I2
115
Carrier Sense. CRS is asserted high asynchronously by the PHY when
either transmit or receive medium is non-idle.
TX_CLK
I2
102
Transmit Clock. TX_CLK is received from PHY to provide timing
reference for the transfer of TXD [3:0], TX_EN and TX_ER signals
on transmit direction of MII interface.
TXD [3:0]
O2
82, 83, 84,
85
Transmit Data. TXD [3:0] is transitioned synchronously with respect
to the rising edge of TX_CLK.
TX_EN
O2
89
Transmit Enable. TX_EN is transitioned synchronously with respect
to the rising edge of TX_CLK. TX_EN is asserted high to indicate a
valid TXD [3:0].
TX_ER
O2
88
Transmit Coding Error. TX_ER is transitioned synchronously with
respect to the rising edge of TX_CLK. When asserted high for one or
more TX_CLK, the PHY shall emit one or more code-groups that are
not part of the valid data or delimiter set somewhere in the frame
being transmitted.
Serial EEPROM Interface
EECK
O5
4
EEPROM Clock. EECK is an output clock to EEPROM to provide
timing reference for the transfer of EECS, EEDI, and EEDO signals.
EECS
O5
5
EEPROM Chip Select. EECS is asserted high synchronously with
respect to rising edge of EECK as chip select signal.
EEDI
O5
6
EEPROM Data In. EEDI is the serial output data to EEPROM’s data
input pin and is synchronous with respect to the rising edge of EECK.
EEDO
I5/PD
9
EEPROM Data Out. EEDO is the serial input data from EEPROM’s
data output pin.
Ethernet Phy Interface
XIN25M
I
58
25Mhz crystal or oscillator clock input. This clock is needed for the
embedded 10/100 Ethernet PHY to operate. The recommended
reference frequency is 25Mhz +/-0.005%.
This input pin is only 2.5V tolerant and should not apply 3.3V clock
signal directly to this pin if an external oscillator is used.
XOUT25M
O
59
25Mhz crystal or oscillator clock output. This output pin is 2.5V
tolerant.
RSTPB
I
65
Reset input of embedded Ethernet PHY: RSTPB is an active low input
used for resetting internal Ethernet PHY. When internal Ethernet
PHY is used, user can connect this pin to an external RC circuit,
which gets pulled-up to AVDDK (2.5V). The reset period from 50ms
to 150ms is recommended.
RXIP
I
52
Receive data input positive pin for both 10BASE-T and
100BASE-TX.
RXIN
I
51
Receive data input negative pin for both 10BASE-T and
100BASE-TX.
TXOP
O
62
Transmit data output positive pin for both 10BASE-T and 100
BASE-TX
TXON
O
61
Transmit data output negative pin for both 10BASE-T and 100
BASE-TX
IBREF
B
56
For Ethernet PHY’s internal biasing. Please connect to GND through
a 12.3Kohm resistor.
RX_LED
O3
92
Receive activity LED indicator. This pin drives low and high in turn
(blinking) when Ethernet PHY is receiving and drives high when not
receiving.
COL_LED
O3
93
Collision detected LED indicator. This pin drives low when the
Ethernet PHY detects collision and drives high when no collision.
LINK_LED
O3
94
Link status LED indicator. This pin drives low continuously when the
Ethernet link is up and drives low and high in turn (blinking) when
Ethernet PHY is in receiving or transmitting state.
FDX_LED
O3
95
Full-Duplex LED indicator. This pin drives low when the Ethernet
PHY is in full-duplex mode and drives high when in half duplex
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com