Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS58C23IPFPR.A Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS58C23IPFPR.A
Description  Dual IF Receivers with SNRBoost3G Signal Processing
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS58C23IPFPR.A Datasheet(HTML) 2 Page - Texas Instruments

  ADS58C23IPFPR.A Datasheet HTML 1Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 2Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 3Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 4Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 5Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 6Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 7Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 8Page - Texas Instruments ADS58C23IPFPR.A Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
23-May-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
ADS58C20IPFP
Active
Production
HTQFP (PFP) | 80
96 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C20I
ADS58C20IPFP.A
Active
Production
HTQFP (PFP) | 80
96 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C20I
ADS58C20IPFPR
Active
Production
HTQFP (PFP) | 80
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C20I
ADS58C20IPFPR.A
Active
Production
HTQFP (PFP) | 80
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C20I
ADS58C20IPFPRG4.A
Active
Production
HTQFP (PFP) | 80
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C20I
ADS58C23IPFP
Active
Production
HTQFP (PFP) | 80
96 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C23I
ADS58C23IPFP.A
Active
Production
HTQFP (PFP) | 80
96 | JEDEC
TRAY (10+1)
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C23I
ADS58C23IPFPR
Active
Production
HTQFP (PFP) | 80
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C23I
ADS58C23IPFPR.A
Active
Production
HTQFP (PFP) | 80
1000 | LARGE T&R
Yes
NIPDAU
Level-3-260C-168 HR
-40 to 85
ADS58C23I
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
(4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum
column width.
(5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown.
Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board.
(6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part.
Multiple part markings will be inside parentheses. Only one part marking contained in parentheses and separated by a "~" will appear on a part. If a line is indented then it is a continuation of the previous line and the two
combined represent the entire part marking for that device.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com